Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41580A8688M000 Datasheet(PDF) 2 Page - EPCOS

Part # B41580A8688M000
Description  Capacitors with Screw Terminals
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41580A8688M000 Datasheet(HTML) 2 Page - EPCOS

  B41580A8688M000 Datasheet HTML 1Page - EPCOS B41580A8688M000 Datasheet HTML 2Page - EPCOS B41580A8688M000 Datasheet HTML 3Page - EPCOS B41580A8688M000 Datasheet HTML 4Page - EPCOS B41580A8688M000 Datasheet HTML 5Page - EPCOS B41580A8688M000 Datasheet HTML 6Page - EPCOS B41580A8688M000 Datasheet HTML 7Page - EPCOS B41580A8688M000 Datasheet HTML 8Page - EPCOS B41580A8688M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
83
10/02
Compact 105 °C
B41560 / B41580
Specifications and characteristics in brief
Ripple current capability
Due to the ripple current capability of the contact elements, the following current upper limits must
not be exceeded:
Rated voltage
UR
Surge voltage
US
25 … 100 VDC
1,15 ·
UR
Rated capacitance
CR
Capacitance tolerance
1 500 … 330 000
µF
± 20 % M
Leakage current
IL
(5 min, 20 °C)
Self-inductance
ESL
Approx. 20 nH
Capacitors with low-inductance design:
d
≥ 64,3 mm: approx. 13 nH
Useful life
105 °C;
UR; l~R
85 °C;
UR; I~max
40 °C;
UR; 2,2 · I~R
>
3 000 h
>
6 000 h
> 250 000 h
Requirements:
C/C
≤ ± 45 % of initial value
ESR
≤ 3 times initial specified limit
IL
≤ initial specified limit
Failure percentage:
≤ 1 %
Failure rate:
≤ 40 fit (≤ 40 · 10–9/h)
(for definiton “fit”, refer to chapter
“Quality”, page 62)
Voltage endurance test
105 °C;
UR
2 000 h
Post test requirements:
C/C
≤ ± 15 % of initial value
ESR
≤ 1,3 times initial specified limit
IL
≤ initial specified limit
Vibration resistance
To IEC 60068-2-6, test Fc:
displacement amplitude 0,75 mm, frequency range 10 to 55 Hz,
acceleration max. 10
g, duration 3
× 2 h
IEC climatic category
To IEC 60068-1:
40/105/56 (– 40 °C/+ 105 °C/56 days damp heat test)
Detail specification
Sectional specification
Similar to CECC 30301-810
IEC 60384-4
Capacitor diameter
≤ 51,6 mm
64,3 mm
76,9 mm
I~max
30 A
40 A
50 A
I
L
0,3
µA
C
R
µF
-------
U
R
V
-------
èø
æö
0,7
4
µA
+


Similar Part No. - B41580A8688M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41580A8688M000 EPCOS-B41580A8688M000 Datasheet
476Kb / 14P
   Capacitors with screw terminals
B41580A8688M000 EPCOS-B41580A8688M000 Datasheet
462Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41580A8688M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com