Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1567 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE1567
Description  Integrated Circuit Vertical Deflection Output Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1567 Datasheet(HTML) 3 Page - NTE Electronics

  NTE1567 Datasheet HTML 1Page - NTE Electronics NTE1567 Datasheet HTML 2Page - NTE Electronics NTE1567 Datasheet HTML 3Page - NTE Electronics NTE1567 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General Description:
Output Stage and Protection Circuit
Pin5 is the output pin. The supply for the output stage is fed to Pin6 and the output stage is fed to
Pin6 and the output stage ground is connected to Pin4. The output transistors of the class−B output
stage can each deliver 1A maximum. The upper power transistor is protected against short−circuit
currents to ground, whereas, during flyback, the “lower” power transistor is protected against short−
circuit currents to ground, whereas, during flyback, the “lower” power transistor is protected against
too high voltages which may occur during adjustments.
Moreover, the output transistors have been given extra solidity by means of special measures in the
internal circuit layout.
A thermal protection circuit is incorporated to protect the IC against too high dissipation. This circuit
is “active” at 175
°C and then reduces the deflection current to such as value that the dissipation can-
not increase.
Driver and Switching Circuit:
Pin1 is the input for the driver of the output stage. The signal at Pin1 is alos applied to Pin3 which
is the input of a switching circuit. When the flyback starts, this switching circuit rapidly turns off the
lower output stage and so limits the turn−off dissipation. It also allows a quick start of the flyback gen-
erator. Pin3 is connected externally to Pin1, in order to allow for different applications in which Pin3
is driven separate from Pin1.
Flyback Generator
The capacitor at Pin6 is charged to a maximum voltage, which is equal to the supply voltage Vp (Pin9),
during scan.
When the flyback starts and the voltage at the output pin (Pin5) exceeds the supply voltage (Pin9),
the flyback generator is activated. The Vp is connected in series (via Pin8) with the voltage across
the capacitor.
The voltage at the supply pin (Pin6) of the output stage will then be maximum twice Vp. Lower volt-
ages can be chosen by changing the value of the external resistor at Pin8.
Voltage Stabilizer
The internal voltage stabilizer provides a stabilized supply of 6V for drive of the output stage, so the
drive current of the output stage is not affected by supply voltage variations. The stabilized voltage
is available at Pin7.
A decoupling capacitor of 2.2
µF can be connected to this pin.
Output VCC
VCC
Pin Connection Diagram
(Front View)
GND
Output
Driver Input
Switching Circuit
Output (GND)
Blank Output
9
8
7
6
Flyback Input
5
4
3
2
1
Input


Similar Part No. - NTE1567

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE156 NTE-NTE156 Datasheet
19Kb / 2P
   General Purpose Silicon Rectifier
NTE1560 NTE-NTE1560 Datasheet
18Kb / 2P
   Integrated Circuit Phase Lock Loop (PLL) FM Stereo Multiplex Demodulator
NTE1561 NTE-NTE1561 Datasheet
18Kb / 2P
   Integrated Circuit 5 LED VU Level Meter
NTE1562 NTE-NTE1562 Datasheet
81Kb / 2P
   Integrated Circuit Programmable Search System for Audio Cassette
NTE1563 NTE-NTE1563 Datasheet
19Kb / 2P
   Integrared Circuit AM Tuner, AM/FM IF Amp
More results

Similar Description - NTE1567

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1754 NTE-NTE1754 Datasheet
29Kb / 4P
   Integrated Circuit Vertical Deflection Output Circuit
NTE7153 NTE-NTE7153 Datasheet
27Kb / 2P
   Integrated Circuit Vertical Deflection Output Circuit
NTE7167 NTE-NTE7167 Datasheet
27Kb / 2P
   Integrated Circuit Vertical Deflection Output Circuit
NTE1782 NTE-NTE1782 Datasheet
22Kb / 2P
   Integrated Circuit TV Vertical Deflection Output Circuit
NTE1674 NTE-NTE1674 Datasheet
26Kb / 2P
   Integrated Circuit TV Vertical Deflection Output Circuit
NTE1684 NTE-NTE1684 Datasheet
22Kb / 2P
   Integrated Circuit TV Vertical Deflection Output Circuit
NTE1788 NTE-NTE1788 Datasheet
57Kb / 2P
   Integrated Circuit TV Vertical Deflection Output Circuit
logo
KEC(Korea Electronics)
KIA6340K KEC-KIA6340K Datasheet
63Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (VERTICAL DEFLECTION OUTPUT CIRCUIT)
logo
NTE Electronics
NTE15002 NTE-NTE15002 Datasheet
21Kb / 2P
   Integrated Circuit Color TV Vertical Deflection Output Circuit
NTE1858 NTE-NTE1858 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Circuit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com