Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82412-A3391-+ Datasheet(PDF) 5 Page - EPCOS

Part # B82412-A3391-+
Description  Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82412-A3391-+ Datasheet(HTML) 5 Page - EPCOS

  B82412-A3391-+ Datasheet HTML 1Page - EPCOS B82412-A3391-+ Datasheet HTML 2Page - EPCOS B82412-A3391-+ Datasheet HTML 3Page - EPCOS B82412-A3391-+ Datasheet HTML 4Page - EPCOS B82412-A3391-+ Datasheet HTML 5Page - EPCOS B82412-A3391-+ Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
91
04/00
Characteristics and ordering codes (continued)
1) Closer tolerances and special versions upon request.
2) Replace the + by the code letter for the required inductance tolerance.
For reel size
∅ 330 mm append code number »8«. Example: B82412-A1102-K8
LR
µH
Toler-
ance1)
fL
MHz
Qmin
fQ
MHz
IR
mA
Rmax
fres, min
MHz
Ordering code2)
(
∅ 180-mm reel)
Core material: ferrite
1,0
± 5 %
J
± 10 %
K
1
30
7,96
330
0,45
300
B82412-A1102-+
1,2
1
30
7,96
310
0,50
260
B82412-A1122-+
1,5
1
30
7,96
300
0,55
240
B82412-A1152-+
1,8
1
30
7,96
290
0,60
220
B82412-A1182-+
2,2
1
30
7,96
270
0,65
200
B82412-A1222-+
2,7
1
30
7,96
220
1,05
180
B82412-A1272-+
3,3
1
30
7,96
200
1,10
160
B82412-A1332-+
3,9
1
30
7,96
190
1,35
150
B82412-A1392-+
4,7
1
35
7,96
160
1,80
140
B82412-A1472-+
5,6
1
35
7,96
140
2,70
125
B82412-A1562-+
6,8
1
35
7,96
120
3,50
115
B82412-A1682-+
8,2
1
35
7,96
110
3,80
100
B82412-A1822-+
10
1
35
7,96
90
5,50
95
B82412-A1103-+
^
^
B82412-A
SMT Inductors, SIMID Series
SIMID 1210-01


Similar Part No. - B82412-A3391-+

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82412A EPCOS-B82412A Datasheet
181Kb / 9P
   SMT inductors
B82412A1102M000 EPCOS-B82412A1102M000 Datasheet
181Kb / 9P
   SMT inductors
B82412A1103M000 EPCOS-B82412A1103M000 Datasheet
181Kb / 9P
   SMT inductors
B82412A1122M000 EPCOS-B82412A1122M000 Datasheet
181Kb / 9P
   SMT inductors
B82412A1152M000 EPCOS-B82412A1152M000 Datasheet
181Kb / 9P
   SMT inductors
More results

Similar Description - B82412-A3391-+

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422-T3100 EPCOS-B82422-T3100 Datasheet
110Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 330 mH Rated current 40 to 450 mA
B82422-A3829-M EPCOS-B82422-A3829-M Datasheet
106Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 mH Rated current 65 to 700 mA
B82422-H1102-K100 EPCOS-B82422-H1102-K100 Datasheet
68Kb / 5P
   High-current version Size 1210 (EIA) or 3225 (IEC) Rated inductance 1 to 100 mH Rated current 90 to 650 mA
B82422-A3829 EPCOS-B82422-A3829 Datasheet
124Kb / 7P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 uH Rated current 65 to 800 mA
B82432-A1102-K EPCOS-B82432-A1102-K Datasheet
102Kb / 6P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 55 to 600 mA
B82432-T EPCOS-B82432-T Datasheet
56Kb / 2P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
B82442-H1102-K EPCOS-B82442-H1102-K Datasheet
105Kb / 6P
   High-current version Size 2220 (EIA) or 5650 (IEC) Rated inductance 1 to 10000 mH Rated current 35 to 2500 mA
B82432-H1102-K EPCOS-B82432-H1102-K Datasheet
71Kb / 5P
   High-current version Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 330 mH Rated current 110 to 1100 mA
B82498-B3279-M EPCOS-B82498-B3279-M Datasheet
74Kb / 6P
   Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 2,7 to 4700 nH Rated current 90 to 1000 mA
B82476-A1103-M EPCOS-B82476-A1103-M Datasheet
58Kb / 3P
   Rated inductance 10 to 1000 mH Rated current 300 to 3800 mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com