Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41560A5100M000 Datasheet(PDF) 9 Page - EPCOS

Part # B41560A5100M000
Description  Capacitors with Screw Terminals
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41560A5100M000 Datasheet(HTML) 9 Page - EPCOS

Back Button B41560A5100M000 Datasheet HTML 2Page - EPCOS B41560A5100M000 Datasheet HTML 3Page - EPCOS B41560A5100M000 Datasheet HTML 4Page - EPCOS B41560A5100M000 Datasheet HTML 5Page - EPCOS B41560A5100M000 Datasheet HTML 6Page - EPCOS B41560A5100M000 Datasheet HTML 7Page - EPCOS B41560A5100M000 Datasheet HTML 8Page - EPCOS B41560A5100M000 Datasheet HTML 9Page - EPCOS B41560A5100M000 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
90
10/02
Compact 105 °C
B41560 / B41580
Frequency characteristics of
ESR
Typical behavior
Impedance
Z
versus frequency
f
Typical behavior at 20 °C
KAL0687-W
0,6
f
10 1
Hz
2
10
3
10
4
10
55
abc de
0,7
0,8
0,9
1,0
1,1
1,2
1,3
1,5
B41560/580
ESR
100 Hz
ESR
f
d (mm)
35,7
51,6
64,3
76,9
≤ 63 VDC
aaab
100 VDC
c
d
d
e
KAL0399-2
Hz
1
10
10 2
10 3
10 4
10 56
10
2200 µF/100 V
22000 µF/25 V
3300 µF/100 V
330000 µF/25 V
10 3
_
10 2
_
Z
10 1
_
10 0
10
1
f
B41560/580


Similar Part No. - B41560A5100M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41560A5100M000 EPCOS-B41560A5100M000 Datasheet
476Kb / 14P
   Capacitors with screw terminals
B41560A5100M000 EPCOS-B41560A5100M000 Datasheet
462Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41560A5100M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com