Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41560A5339M000 Datasheet(PDF) 3 Page - EPCOS

Part # B41560A5339M000
Description  Capacitors with Screw Terminals
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41560A5339M000 Datasheet(HTML) 3 Page - EPCOS

  B41560A5339M000 Datasheet HTML 1Page - EPCOS B41560A5339M000 Datasheet HTML 2Page - EPCOS B41560A5339M000 Datasheet HTML 3Page - EPCOS B41560A5339M000 Datasheet HTML 4Page - EPCOS B41560A5339M000 Datasheet HTML 5Page - EPCOS B41560A5339M000 Datasheet HTML 6Page - EPCOS B41560A5339M000 Datasheet HTML 7Page - EPCOS B41560A5339M000 Datasheet HTML 8Page - EPCOS B41560A5339M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
84
10/02
Compact 105 °C
B41560 / B41580
Dimensional drawings
Type B41560
Type B41580
Ring clip/clamp mounting
Threaded stud mounting
Positive pole marking:
+
Screw terminals with UNF threads are available upon request.
Dimensions and weights
Dimensions are also valid for low-inductance design.
Packing
For ecological reasons the packing is pure cardboard.
Ter-
minal
Dimensions (mm) with insulating sleeve
Approx.
wt. (g)
dI
± 1
I1 ± 1 I2
+ 0
l3
d1
d2 max d3 max a
+ 0,2
– 1
– 0,4
M 5
M 5
M 5
35,7+ 0/– 0,8
35,7+ 0/– 0,8
35,7+ 0/– 0,8
55,7
80,7
105,7
62,2
87,2
112,2
13
13
13
7,0+ 0,2/– 1
7,0+ 0,2/– 1
7,0+ 0,2/– 1
M 8
M 8
M 8
8,2
8,2
8,2
13,5
13,5
13,5
12,7
12,7
12,7
65
105
135
M 5
M 5
51,6+ 0/– 0,8
51,6+ 0/– 0,8
80,7
105,7
87,2
112,2
17
17
7,0+ 0,2/– 1
7,0+ 0,2/– 1
M 12
M 12
8,2
8,2
13,5
13,5
22,2
22,2
220
280
M 5
64,3+ 0/– 0,8 105,7
112,2
17
7,0+ 0,2/– 1
M 12 8,2
13,5
28,5
440
M 6
M 6
76,9+ 0/– 0,7
76,9+ 0/– 0,7
105,7
143,2
111,5
149,0
17
17
6,4+ 1,1/– 0,8
6,4+ 1,1/– 0,8
M 12
M 12
17,7
17,7
17,7
17,7
31,7
31,7
540
840
Capacitor diameter
d
Packing units (pieces)
35,7 mm
51,6 mm
64,3 mm
76,9 mm
36
22
15
12
M5: min. reach of screw = 8 mm
M6: min. reach of screw = 12 mm*)
*) 8 mm for low-inductance design


Similar Part No. - B41560A5339M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41560A5339M000 EPCOS-B41560A5339M000 Datasheet
476Kb / 14P
   Capacitors with screw terminals
B41560A5339M000 EPCOS-B41560A5339M000 Datasheet
462Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41560A5339M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com