Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCK857 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK857
Description  66-150MHz Phase Locked Loop Differential 1:10 SDRAM Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK857 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK857 Datasheet HTML 1Page - NXP Semiconductors PCK857 Datasheet HTML 2Page - NXP Semiconductors PCK857 Datasheet HTML 3Page - NXP Semiconductors PCK857 Datasheet HTML 4Page - NXP Semiconductors PCK857 Datasheet HTML 5Page - NXP Semiconductors PCK857 Datasheet HTML 6Page - NXP Semiconductors PCK857 Datasheet HTML 7Page - NXP Semiconductors PCK857 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Preliminary specification
PCK857
66–150MHz Phase Locked Loop Differential 1:10
SDRAM Clock Driver
2
1998 Dec 10
FEATURES
Optimized for clock distribution in DDR (Double Data Rate)
SDRAM applications
1-to-10 differential clock distribution
Very low skew (< 100ps) and jitter (< 100ps)
3V AV
CC and 2.5V Vddq
SSTL_2 interface clock inputs and outputs
CMOS control signal input
Test mode enables buffers while disabling PLL
Low current power-down mode
Tolerant of Spread Spectrum input clock
Full DDR solution provided when used with SSTL16857 and
CBT3857
DESCRIPTION
Zero delay buffer to distribute an SSTL differential clock input pair to
10 SSTL_2 differential output pairs. Outputs are slope controlled.
External feedback pin for synchronization of the outputs to the input.
A CMOS style Enable/Disable pin is provided for low power disable.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
21
22
23
24
41
42
43
44
45
46
47
48
GND
Y0
Y0
VDDQ
Y1
Y1
GND
Y2
GND
Y2
VDDQ
VDDQ
CLK
CLK
VDDQ
AVCC
AGND
GND
Y3
Y3
VDDQ
Y4
Y4
GND
GND
Y5
Y5
VDDQ
Y6
Y6
GND
GND
Y7
Y7
VDDQ
G
FBIN
FBIN
VDDQ
FBOUT
FBOUT
GND
Y8
Y8
VDDQ
Y9
Y9
SW00358
GND
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DRAWING NUMBER
48-Pin Plastic TSSOP
0
°C to +70°C
PCK857 DGG
PCK857 DGG
SOT362-1
PINS
SYMBOL
DESCRIPTION
1, 7, 8, 18, 24, 25, 31, 41, 42, 48
GND
SSTL_2 ground pins
2, 3, 5, 6, 9, 10, 19, 20, 22, 23, 26, 27, 29,
30, 32, 33, 39, 40, 43, 44, 46, 47
Yn, Ynb, FBOUT, FBOUTb
SSTL_2 differential outputs
4, 11, 12, 15, 21, 28, 34
VDDQ
SSTL_2 power pins
13, 14, 35, 36
CLKIN, CLKINb, FBIN, FBINb
SSTL_2 differential inputs
16
AVCC
Analog power
17
AGND
Analog ground
37
G
Power-down control input


Similar Part No. - PCK857

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
PCK RUBYCON-PCK Datasheet
165Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Tyco Electronics
PCK MACOM-PCK Datasheet
234Kb / 2P
   Slim 16 AmpMiniature Power PC Board Relay
logo
Nichicon corporation
PCK NICHICON-PCK Datasheet
993Kb / 2P
   Chip Type, Ultra-low ESR
logo
Tyco Electronics
PCK-105D2M MACOM-PCK-105D2M Datasheet
234Kb / 2P
   Slim 16 Amp Miniature Power PC Board Relay
PCK-105D2M000 MACOM-PCK-105D2M000 Datasheet
234Kb / 2P
   Slim 16 Amp Miniature Power PC Board Relay
More results

Similar Description - PCK857

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCSPU877D IDT-IDTCSPU877D Datasheet
139Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877A IDT-IDTCSPU877A Datasheet
139Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPU877 RENESAS-CSPU877 Datasheet
306Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
logo
Integrated Device Techn...
IDTCSPU877A IDT-IDTCSPU877A_06 Datasheet
121Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPUA877 RENESAS-CSPUA877 Datasheet
292Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
logo
Integrated Device Techn...
IDTCSPUA877A IDT-IDTCSPUA877A Datasheet
116Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPU877A RENESAS-CSPU877A Datasheet
298Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
CSPUA877A RENESAS-CSPUA877A Datasheet
318Kb / 15P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
CSPU877D RENESAS-CSPU877D Datasheet
292Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
AUGUST 2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com