Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59830C0120A070 Datasheet(PDF) 3 Page - EPCOS

Part # B59830C0120A070
Description  Overcurrent Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59830C0120A070 Datasheet(HTML) 3 Page - EPCOS

  B59830C0120A070 Datasheet HTML 1Page - EPCOS B59830C0120A070 Datasheet HTML 2Page - EPCOS B59830C0120A070 Datasheet HTML 3Page - EPCOS B59830C0120A070 Datasheet HTML 4Page - EPCOS B59830C0120A070 Datasheet HTML 5Page - EPCOS B59830C0120A070 Datasheet HTML 6Page - EPCOS B59830C0120A070 Datasheet HTML 7Page - EPCOS B59830C0120A070 Datasheet HTML 8Page - EPCOS B59830C0120A070 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
76
10/02
Reliability data
Test
Standard
Test conditions
|
∆R25 /R25|
Switching test
at room temperature
IEC 60738-1
ISmax
Vmax
Number of cycles: 100
< 25%
Dry heat at upper
category temperature
IEC 60738-1
Storage at upper category temperature
for
t : 1000 h
< 25%
Life test at Vmax /Top
IEC 60738-1
Storage at Vmax /Top for
t : 1000 h
< 25%
Storage in damp heat
IEC 60068-2-3
Temperature of air: 40
°C
Relative humidity of air: 93%
Duration: 56 days
< 10%
Rapid change
of temperature in air
IEC 60068-2-14,
Test Na
T = TLCT, T = TUCT
Number of cycles: 5
t : 30 min
< 10%
Vibration
IEC 60068-2-6,
Test FC
f = 10– 55 Hz
h = 0,75 mm (respectively 10 g)
t : 3 · 2 h
< 5%
Bump
IEC 60068-2-27
Pulse shape: half-sine
a : = 50 g
Pulse duration: 1 ms; 6 · 3 pulses
< 5%
Climatic sequence
IEC 60068-2-30
Dry heat: T = TUCT
t : 16 h
Damp heat first cycle
Cold: T = TLCT
t : 2 h
Damp heat 5 cycles
< 10%
B598**
C 810 … C 890
Leaded Disks, Coated, 230 V
Overcurrent Protection


Similar Part No. - B59830C0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59830C0120A070 EPCOS-B59830C0120A070 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59830C0120A070 EPCOS-B59830C0120A070 Datasheet
673Kb / 1P
   PTC thermistors for overcurrent protection
B59830C0120A070 EPCOS-B59830C0120A070 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
B59830C0120A070 EPCOS-B59830C0120A070 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
B59830C0120A070 EPCOS-B59830C0120A070 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
More results

Similar Description - B59830C0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59884C0120A070 EPCOS-B59884C0120A070 Datasheet
69Kb / 3P
   Overcurrent Protection
B59101P1080A062 EPCOS-B59101P1080A062 Datasheet
83Kb / 4P
   Overcurrent protection
logo
STMicroelectronics
STEVAL-ISA008V1 STMICROELECTRONICS-STEVAL-ISA008V1 Datasheet
126Kb / 4P
   Overcurrent protection
November 2010 Rev 1
logo
Tyco Electronics
RGEF1100 MACOM-RGEF1100 Datasheet
47Kb / 1P
   Overcurrent Protection Device
TRF600-150-RB MACOM-TRF600-150-RB Datasheet
88Kb / 1P
   Overcurrent Protection Device
AHS080-2018 MACOM-AHS080-2018 Datasheet
35Kb / 1P
   Overcurrent Protection Device
TRF250-180S MACOM-TRF250-180S Datasheet
84Kb / 1P
   Overcurrent Protection Device
logo
Littelfuse
AGRF700 LITTELFUSE-AGRF700 Datasheet
353Kb / 2P
   Overcurrent Protection Device
AGRF1200 LITTELFUSE-AGRF1200 Datasheet
355Kb / 2P
   Overcurrent Protection Device
RHEF1400 LITTELFUSE-RHEF1400 Datasheet
330Kb / 2P
   Overcurrent Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com