Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAST44599MN Datasheet(PDF) 10 Page - ON Semiconductor

Part # NLAST44599MN
Description  Low Voltage Single Supply Dual DPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAST44599MN Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NLAST44599MN Datasheet HTML 4Page - ON Semiconductor NLAST44599MN Datasheet HTML 5Page - ON Semiconductor NLAST44599MN Datasheet HTML 6Page - ON Semiconductor NLAST44599MN Datasheet HTML 7Page - ON Semiconductor NLAST44599MN Datasheet HTML 8Page - ON Semiconductor NLAST44599MN Datasheet HTML 9Page - ON Semiconductor NLAST44599MN Datasheet HTML 10Page - ON Semiconductor NLAST44599MN Datasheet HTML 11Page - ON Semiconductor NLAST44599MN Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NLAST44599
http://onsemi.com
10
Figure 22. RON vs. Temp, VCC = 5.0 V
Figure 23. RON vs. Temp, VCC = 5.5 V
20
15
10
25
VIS (VDC)
5
0
0.0
2.0
1.5
1.0
0.5
2.5 3.0
3.5
4.0 4.5 5.0
25°C
85°C
125°C
−55°C
20
15
10
25
VIS (VDC)
5
0
0.0
2.0
1.5
1.0
0.5
2.5 3.0 3.5 4.0 4.5 5.0 5.5
25°C
85°C
125°C
−55°C
DEVICE ORDERING INFORMATION
Device Nomenclature
Device Order
Number
Circuit
Indicator Technology
Device
Function
Package
Suffix
Tape and Reel
Suffix
Package Type
Shipping
NLAST44599DT
NL
AS
44599
DT
TSSOP−16*
96 Unit / Rail
NLAST44599DTR2
NL
AS
44599
DT
R2
TSSOP−16*
2500 / Tape & Reel
NLAST44599MN
NL
AS
44599
MN
QFN−16
124 Unit Rail
NLAST44599MNG
NL
AS
44599
MN
QFN−16
(Pb−Free)
124 Unit Rail
NLAST44599MNR2
NL
AS
44599
MN
R2
QFN−16
2500 / Tape & Reel
NLAST44599MNR2G
NL
AS
44599
MN
R2
QFN−16
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Similar Part No. - NLAST44599MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAST44599 ONSEMI-NLAST44599 Datasheet
90Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
August, 2002 ??Rev. 5
NLAST44599 ONSEMI-NLAST44599_10 Datasheet
148Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
November, 2010 ??Rev. 9
More results

Similar Description - NLAST44599MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS44599DTR2G ONSEMI-NLAS44599DTR2G Datasheet
175Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
July, 2008 ??Rev. 14
NLAST9431 ONSEMI-NLAST9431 Datasheet
101Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS9431 ONSEMI-NLAS9431 Datasheet
111Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS44599 ONSEMI-NLAS44599 Datasheet
167Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
April, 2005 ??Rev. 13
NLAST44599 ONSEMI-NLAST44599_10 Datasheet
148Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
November, 2010 ??Rev. 9
NLAST44599 ONSEMI-NLAST44599 Datasheet
90Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
August, 2002 ??Rev. 5
logo
Intersil Corporation
ISL43410IU INTERSIL-ISL43410IU Datasheet
490Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
May 12, 2008
logo
Renesas Technology Corp
ISL43410 RENESAS-ISL43410 Datasheet
825Kb / 14P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
Intersil Corporation
ISL43410 INTERSIL-ISL43410_06 Datasheet
422Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
ON Semiconductor
FSA2467 ONSEMI-FSA2467 Datasheet
1,017Kb / 13P
   Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com