Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCK2510SPW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCK2510SPW
Description  50-150 MHz 1:10 SDRAM clock driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2510SPW Datasheet(HTML) 5 Page - NXP Semiconductors

  PCK2510SPW Datasheet HTML 1Page - NXP Semiconductors PCK2510SPW Datasheet HTML 2Page - NXP Semiconductors PCK2510SPW Datasheet HTML 3Page - NXP Semiconductors PCK2510SPW Datasheet HTML 4Page - NXP Semiconductors PCK2510SPW Datasheet HTML 5Page - NXP Semiconductors PCK2510SPW Datasheet HTML 6Page - NXP Semiconductors PCK2510SPW Datasheet HTML 7Page - NXP Semiconductors PCK2510SPW Datasheet HTML 8Page - NXP Semiconductors PCK2510SPW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
PCK2510S
50–150 MHz 1:10 SDRAM clock driver
1999 Dec 13
5
RECOMMENDED OPERATING CONDITIONS1
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC, AVCC
Supply voltage
3
3.6
V
VIH
HIGH level input voltage
2
V
VIL
LOW level input voltage
0
0.8
V
VI
Input voltage
0
VCC
V
Tamb
Operating ambient temperature range in free air
0
+70
°C
NOTE:
1. Unused inputs must be held high or low to prevent them from floating.
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range (unless otherwise noted)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
AVCC, VCC (V)
OTHER
MIN
TYP
MAX
UNIT
VIK
Input clamp voltage
3
II = –18 mA
–1.2
V
MIN to MAX
IOH = – 100 µA
VCC – 0.2
VOH
HIGH level output voltage
3
IOH = – 12 mA
2.1
V
3
IOH = – 6 mA
2.4
MIN to MAX
IOL = 100 µA
0.2
VOL
LOW level output voltage
3
IOL = 12 mA
0.8
V
3
IOL = 6 mA
0.55
II
Input current
3.6
VI = VCC or GND
±5
µA
ICC
Quiescent supply current
3.6
VI = VCC or GND;
IO = 0, outputs: LOW or HIGH
10
µA
ICCA
AVCC power supply current
AVCC = 3.3
30
50
µA
∆ICC
Additional supply current per
input pin
3.3 to 3.6
One input at VCC – 0.6 V;
other inputs at VCC or GND
500
µA
CI
Input capacitance
3.3
VI = VCC or GND
2.8
pF
CO
Output capacitance
3.3
VO= VCC or GND
5.4
pF
TIMING REQUIREMENTS
Over recommended ranges of supply voltage and operating free-air temperature
SYMBOL
PARAMETER
MIN
MAX
UNIT
fCLK
Clock frequency
50
150
MHz
Input clock duty cycle
40
60
%
Stabilization time1
1
ms
NOTE:
1. Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be obtained,
a fixed-frequency, fixed-phase reference signal must be present at CLK. Until phase lock is obtained, the specifications for propagation
delay, skew, and jitter parameters given in the switching characteristics table are not applicable.


Similar Part No. - PCK2510SPW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2510SA PHILIPS-PCK2510SA Datasheet
78Kb / 10P
   50-150 MHz 1:10 SDRAM clock driver
2000 Dec 01
PCK2510SADH PHILIPS-PCK2510SADH Datasheet
78Kb / 10P
   50-150 MHz 1:10 SDRAM clock driver
2000 Dec 01
PCK2510SL PHILIPS-PCK2510SL Datasheet
78Kb / 10P
   50-150 MHz 1:10 SDRAM clock driver
2000 Dec 01
PCK2510SLDH PHILIPS-PCK2510SLDH Datasheet
78Kb / 10P
   50-150 MHz 1:10 SDRAM clock driver
2000 Dec 01
More results

Similar Description - PCK2510SPW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2510SA PHILIPS-PCK2510SA Datasheet
78Kb / 10P
   50-150 MHz 1:10 SDRAM clock driver
2000 Dec 01
PCK2510SL PHILIPS-PCK2510SL Datasheet
78Kb / 10P
   50-150 MHz 1:10 SDRAM clock driver
2000 Dec 01
PCK2509S PHILIPS-PCK2509S Datasheet
70Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
1999 Oct 19
PCK2509SA PHILIPS-PCK2509SA Datasheet
79Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
2000 Dec 01
PCK2509SL PHILIPS-PCK2509SL Datasheet
79Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
2000 Dec 01
PCK2001M PHILIPS-PCK2001M Datasheet
79Kb / 13P
   14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
logo
Renesas Technology Corp
MPC96877 RENESAS-MPC96877 Datasheet
706Kb / 14P
   1.8 V PLL 1:10 Differential SDRAM Clock Driver
2019
logo
NXP Semiconductors
PCKV857A PHILIPS-PCKV857A Datasheet
101Kb / 13P
   100-250 MHz differential 1:10 clock driver
2003 Jul 31
PCKV857 PHILIPS-PCKV857 Datasheet
84Kb / 12P
   70-190 MHz differential 1:10 clock driver
2001 Jun 12
logo
Integrated Device Techn...
IDTCSPU877D IDT-IDTCSPU877D Datasheet
139Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com