Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA07M0608M Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # RA07M0608M
Description  RoHS Compliance ,66-88MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA07M0608M Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  RA07M0608M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA07M0608M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA07M0608M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA07M0608M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA07M0608M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA07M0608M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA07M0608M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA07M0608M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA07M0608M
RA07M0608M
MITSUBISHI ELECTRIC
24 Jan 2006
8/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Output Power Control:
Depending on linearity, the following two methods are recommended to control the output power:
a) Non-linear FM modulation:
By the gate voltage (VGG).
When the gate voltage is close to zero, the RF input signal is attenuated up to 60 dB and only a small leakage
current flows from the battery into the drain.
Around VGG=4V, the output power and drain current increases substantially.
Around VGG=4.5V (typical) to VGG=5V (maximum), the nominal output power becomes available.
b) Linear AM modulation:
By RF input power Pin.
The gate voltage is used to set the drain’s quiescent current for the required linearity.
Oscillation:
To test RF characteristics, this module is put on a fixture with two bias decoupling capacitors each on gate and
drain, a 4.700 pF chip capacitor, located close to the module, and a 22 µF (or more) electrolytic capacitor.
When an amplifier circuit around this module shows oscillation, the following may be checked:
a) Do the bias decoupling capacitors have a low inductance pass to the case of the module?
b) Is the load impedance ZL=50Ω?
c) Is the source impedance ZG=50Ω?
Frequent on/off switching:
In base stations, frequent on/off switching can cause thermal expansion of the resin that coats the transistor chips
and can result in reduced or no output power. The bond wires in the resin will break after long-term thermally
induced mechanical stress.
Quality:
Mitsubishi Electric is not liable for failures resulting from base station operation time or operating conditions
exceeding those of mobile radios.
This module technology results from more than 20 years of experience, field proven in tens of millions of mobile
radios. Currently, most returned modules show failures such as ESD, substrate crack, and transistor burnout,
which are caused by improper handling or exceeding recommended operating conditions. Few degradation failures
are found.
Keep safety first in your circuit designs!
Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable, but there
is always the possibility that trouble may occur. Trouble with semiconductors may lead to personal injury, fire or property
damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as
(i) placement of substitutive, auxiliary circuits, (ii) use of non-flammable material, or (iii) prevention against any malfunction or
mishap.


Similar Part No. - RA07M0608M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07M0608M MITSUBISHI-RA07M0608M Datasheet
153Kb / 9P
   66-88MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M0608M-101 MITSUBISHI-RA07M0608M-101 Datasheet
153Kb / 9P
   66-88MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M0608M MITSUBISHI-RA07M0608M_10 Datasheet
153Kb / 9P
   66-88MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
More results

Similar Description - RA07M0608M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07M0608M MITSUBISHI-RA07M0608M_10 Datasheet
153Kb / 9P
   66-88MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07H0608M MITSUBISHI-RA07H0608M_06 Datasheet
230Kb / 8P
   RoHS Compliance ,68-88MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07M4452M MITSUBISHI-RA07M4452M_06 Datasheet
227Kb / 8P
   RoHS Compliance , 440-520MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4047M MITSUBISHI-RA07M4047M_10 Datasheet
117Kb / 9P
   RoHS Compliance , 400-470MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4047M MITSUBISHI-RA07M4047M_06 Datasheet
236Kb / 8P
   RoHS Compliance , 400-470MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4452M MITSUBISHI-RA07M4452M_10 Datasheet
106Kb / 9P
   RoHS Compliance , 440-520MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA30H0608M MITSUBISHI-RA30H0608M_06 Datasheet
229Kb / 8P
   RoHS Compliance , 66-88MHz 30W 12.5V, 2 stage Amp. for MOBILE RADIO
RA30H0608M MITSUBISHI-RA30H0608M_11 Datasheet
177Kb / 9P
   RoHS Compliance , 66-88MHz 30W 12.5V, 2 stage Amp. for MOBILE RADIO
RA07M3843M MITSUBISHI-RA07M3843M_10 Datasheet
151Kb / 9P
   RoHS Compliance , 378-430MHz 7W 7.2V, 2Stage Amp. For PORTABLE RADIO
RA07M3843M MITSUBISHI-RA07M3843M Datasheet
237Kb / 8P
   RoHS Compliance , 378-430MHz 7W 7.2V, 2Stage Amp. For PORTABLE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com