Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57238S0309M000 Datasheet(PDF) 4 Page - EPCOS

Part # B57238S0309M000
Description  Inrush current limiters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57238S0309M000 Datasheet(HTML) 4 Page - EPCOS

  B57238S0309M000 Datasheet HTML 1Page - EPCOS B57238S0309M000 Datasheet HTML 2Page - EPCOS B57238S0309M000 Datasheet HTML 3Page - EPCOS B57238S0309M000 Datasheet HTML 4Page - EPCOS B57238S0309M000 Datasheet HTML 5Page - EPCOS B57238S0309M000 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Cautions and warnings
General
See "Important notes" at the end of this document.
Storage
Store thermistors only in original packaging. Do not open the package before storage.
Storage conditions in original packaging: storage temperature
25
°C ... +45 °C, relative
humidity
≤75% annual mean, maximum 95%, dew precipitation is inadmissible.
Do not store SMDs where they are exposed to heat or direct sunlight. Otherwise, the packing
material may be deformed or SMDs may stick together, causing problems during mounting.
Avoid contamination of thermistors surface during storage, handling and processing.
Avoid storage of thermistor in harmful environments like corrosive gases (SOx, Cl etc).
After opening the factory seals, such as polyvinyl-sealed packages, use the SMDs as soon as
possible.
Solder thermistors after shipment from EPCOS within the time specified:
SMDs: 12 months
Leaded components: 24 months
Handling
NTC thermistors must not be dropped. Chip-offs must not be caused during handling of NTCs.
Components must not be touched with bare hands. Gloves are recommended.
Avoid contamination of thermistor surface during handling.
Soldering
Use resin-type flux or non-activated flux.
Insufficient preheating may cause ceramic cracks.
Rapid cooling by dipping in solvent is not recommended.
Complete removal of flux is recommended.
Mounting
When NTC thermistors are encapsulated with sealing material or overmolded with plastic
material, the precautions given in chapter “Mounting instructions”, “Sealing, potting and
overmolding” must be observed.
Electrode must not be scratched before/during/after the mounting process.
Contacts and housings used for assembly with thermistor have to be clean before mounting.
During operation, the thermistor’s surface temperature can be very high (ICL). Ensure that
adjacent components are placed at a sufficient distance from the thermistor to allow for proper
cooling ot the thermistors.
Ensure that adjacent materials are designed for operation at temperatures comparable to the
surface temperature of the thermistor. Be sure that surrounding parts and materials can
withstand this temperature.
Make sure that thermistors (ICLs) are adequately ventilated to avoid overheating.
Avoid contamination of thermistor surface during processing.
Inrush current limiters
B57238
ICLs
S238
Page 4 of 6
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B57238S0309M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57238S0309M000 EPCOS-B57238S0309M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57238S0309M000 EPCOS-B57238S0309M000 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57238S0309M000 EPCOS-B57238S0309M000 Datasheet
313Kb / 14P
   NTC thermistors for inrush current limiting Leaded and coated disks
More results

Similar Description - B57238S0309M000

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
995-MS12-15102 AMETHERM-995-MS12-15102 Datasheet
385Kb / 1P
   MEGASURGE MS SERIES - INRUSH CURRENT LIMITERS
logo
EPCOS
B59412C1130B070 EPCOS-B59412C1130B070 Datasheet
284Kb / 11P
   PTC thermistors as inrush current limiters
logo
MERITEK ELECTRONICS COR...
SCK MERITEK-SCK Datasheet
144Kb / 5P
   NTC Power Thermistors Inrush Current Limiters
logo
EPCOS
B5975X EPCOS-B5975X Datasheet
245Kb / 10P
   PTC thermistors as inrush current limiters
B5910 EPCOS-B5910 Datasheet
237Kb / 10P
   PTC thermistors as inrush current limiters
logo
Ohmite Mfg. Co.
RES-SLIMMOX OHMITE-RES-SLIMMOX Datasheet
439Kb / 5P
   Current pulse limiters
logo
Shindengen Electric Mfg...
MJ2400 SHINDENGEN-MJ2400 Datasheet
509Kb / 13P
   Inrush Current Controllers
logo
STMicroelectronics
STNRGPF01 STMICROELECTRONICS-STNRGPF01 Datasheet
1Mb / 40P
   Inrush current control
April 2017 Rev 2
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
   Inrush Current Limiter HIC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com