Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTL431BCSTZ Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZTL431BCSTZ
Description  Cost effective adjustable precision shunt regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTL431BCSTZ Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZTL431BCSTZ Datasheet HTML 1Page - Zetex Semiconductors ZTL431BCSTZ Datasheet HTML 2Page - Zetex Semiconductors ZTL431BCSTZ Datasheet HTML 3Page - Zetex Semiconductors ZTL431BCSTZ Datasheet HTML 4Page - Zetex Semiconductors ZTL431BCSTZ Datasheet HTML 5Page - Zetex Semiconductors ZTL431BCSTZ Datasheet HTML 6Page - Zetex Semiconductors ZTL431BCSTZ Datasheet HTML 7Page - Zetex Semiconductors ZTL431BCSTZ Datasheet HTML 8Page - Zetex Semiconductors ZTL431BCSTZ Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ZTL431, ZTL432
Issue 8 - April 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Ordering information
Absolute maximum ratings
Cathode voltage (VKA) .............................................................. 20V
Continuous cathode current (IKA) ........................................ 150mA
Reference input current range (IREF)..................... -50 µA to 10mA
Operating junction temperature ................................. -40 to 150°C
Storage temperature ................................................... -55 to 150°C
Operation above the absolute maximum rating may cause device failure.
Operation at the
absolute maximum ratings, for extended periods, may reduce device reliability.
Unless otherwise stated voltages specified are relative to the ANODE pin.
Package thermal data
Tol.
Order code
Pack
Part mark
Status*
Reel Size
Tape width
(mm)
Quantity
per reel
1%
ZTL431ACSTZ
TO92
ZTL431A
Active
Concertina
N/A
1500
ZTL431AE5TA
SOT23-5
31A
Preview*
7”, 180mm
8
3000
ZTL431AFFTA
SOT23F
31A
Active
7”, 180mm
8
3000
ZTL431AFTA
SOT23
31A
Active
7”, 180mm
8
3000
ZTL431AH6TA
SC70-6
31A
Preview*
7”, 180mm
8
3000
ZTL431AZTA
SOT89
31A
Preview*
7”, 180mm
12
1000
ZTL432AFFTA
SOT23F
32A
Active
7”, 180mm
8
3000
ZTL432AFTA
SOT23
32A
Active
7”, 180mm
8
3000
0.5%
ZTL431BCSTZ
TO92
ZTL431B
Preview*
Concertina
N/A
1500
ZTL431BE5TA
SOT23-5
31B
Preview*
7”, 180mm
8
3000
ZTL431BFFTA
SOT23F
31B
Preview*
7”, 180mm
8
3000
ZTL431BFTA
SOT23
31B
Active
7”, 180mm
8
3000
ZTL431BH6TA
SC70-6
31B
Preview*
7”, 180mm
8
3000
ZTL431BZTA
SOT89
31B
Preview*
7”, 180mm
12
1000
ZTL432BFFTA
SOT23F
32B
Active
7”, 180mm
8
3000
ZTL432BFTA
SOT23
32B
Active
7”, 180mm
8
3000
NOTES:
* For availability of pre-production status devices contact your local Zetex representative
Package
JA
PDIS
TA =25°C, TJ = 150°C
TO92
160°C/W
780mW
SOT23
380°C/W
330mW
SOT23F
138°C/W
900mW
SOT23-5
250°C/W
500mW
SOT89
125°C/W
1000mW


Similar Part No. - ZTL431BCSTZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTL431BCSTZ ZETEX-ZTL431BCSTZ Datasheet
433Kb / 12P
   Cost effective adjustable precision shunt regulator
More results

Similar Description - ZTL431BCSTZ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431_17 Datasheet
445Kb / 12P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
ZTL431 ZETEX-ZTL431_08 Datasheet
433Kb / 12P
   Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431 Datasheet
170Kb / 9P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
TLV431 ZETEX-TLV431_08 Datasheet
813Kb / 16P
   1.24V Cost effective shunt regulator
logo
Diodes Incorporated
ZTLV431 DIODES-ZTLV431 Datasheet
296Kb / 8P
   1.24V Cost effective shunt regulator
TLV431 DIODES-TLV431 Datasheet
895Kb / 14P
   1.24V COST EFFECTIVE SHUNT REGULATOR
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431_07 Datasheet
224Kb / 8P
   1.24V Cost effective shunt regulator
ZTLV431 ZETEX-ZTLV431 Datasheet
199Kb / 8P
   1.24V Cost effective shunt regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com