Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCK2509S Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCK2509S
Description  50-150 MHz 1:9 SDRAM clock driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2509S Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCK2509S Datasheet HTML 2Page - NXP Semiconductors PCK2509S Datasheet HTML 3Page - NXP Semiconductors PCK2509S Datasheet HTML 4Page - NXP Semiconductors PCK2509S Datasheet HTML 5Page - NXP Semiconductors PCK2509S Datasheet HTML 6Page - NXP Semiconductors PCK2509S Datasheet HTML 7Page - NXP Semiconductors PCK2509S Datasheet HTML 8Page - NXP Semiconductors PCK2509S Datasheet HTML 9Page - NXP Semiconductors PCK2509S Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
PCK2509S
50–150 MHz 1:9 SDRAM clock driver
1999 Oct 19
6
TIMING REQUIREMENTS
Over recommended ranges of supply voltage and operating free-air temperature.
SYMBOL
PARAMETER
MIN
MAX
UNIT
fCLK
Clock frequency
50
150
MHz
Input clock duty cycle
40
60
%
Stabilization time1
1
ms
NOTE:
1. Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be obtained,
a fixed-frequency, fixed-phase reference signal must be present at CLK. Until phase lock is obtained, the specifications for propagation
delay, skew, and jitter parameters given in the switching characteristics table are not applicable.
SWITCHING CHARACTERISTICS
Over recommended ranges of supply voltage and operating free-air temperature, CL = 30 pF 1
PARAMETER
FROM
TO
VCC, AVCC = 3.3 V ±0.3 V
UNIT
PARAMETER
(INPUT)/CONDITION
(OUTPUT)
MIN
TYP
MAX
UNIT
t
2
CLKIN
↑ = 100 MHz to 133 MHz
FBIN
–100
100
ps
tphase error 2
CLKIN
↑ = 66 MHz
FBIN
–125
125
ps
tphase error, – jitter 3
CLKIN
↑ = 100 MHz to 133 MHz
FBIN
–50
50
ps
tSK(0) 4
Any Y or FBOUT
Any Y or FBOUT
200
ps
jitter(peak-peak)
CLKIN = 66 MHz to 133 MHz
Any Y or FBOUT
–80
80
ps
jitter (cycle-cycle)
CLKIN = 66 MHz to 133 MHz
Any Y or FBOUT
|65|
ps
Duty cycle reference
F(CLKIN
> 60 MHz)
Any Y or FBOUT
47
53
%
tr
VO = 0.4 to 2 V
Any Y or FBOUT
2.5
1
V/ns
tf
VO = 0.4 to 2 V
Any Y or FBOUT
2.5
1
V/ns
NOTES:
1. These parameters are not production tested.
2. This is considered as static phase error.
3. Phase error does not include jitter. (tphase error = static tphase error – jitter (cycle-cycle)).
4. The tSK(0) specification is only valid for equal loading of all outputs.
PARAMETER MEASUREMENT INFORMATION
SW00384
3V
0V
VOH
VOL
OUTPUT
INPUT
50% VCC
50% VCC
tf
tr
2V
0.4V
2V
0.4V
FROM OUTPUT
UNDER TEST
30pF
500
LOAD CIRCUIT FOR OUTPUTS
VOLTAGE WAVEFORMS & PHASE ERROR TIMES
NOTES:
1. CL includes probe and jig capacitance.
2. All input pulses are supplied by generators having the following characteristics: PRR
≤ 100MHz, ZO = 50Ω , tr ≤ 1.2ns, tf ≤ 1.2ns.
3. The outputs are measured one at a time with one transition per measurement.
tpe
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - PCK2509S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2509SA PHILIPS-PCK2509SA Datasheet
79Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
2000 Dec 01
PCK2509SADH PHILIPS-PCK2509SADH Datasheet
79Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
2000 Dec 01
PCK2509SL PHILIPS-PCK2509SL Datasheet
79Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
2000 Dec 01
PCK2509SLDH PHILIPS-PCK2509SLDH Datasheet
79Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
2000 Dec 01
More results

Similar Description - PCK2509S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2509SA PHILIPS-PCK2509SA Datasheet
79Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
2000 Dec 01
PCK2509SL PHILIPS-PCK2509SL Datasheet
79Kb / 10P
   50-150 MHz 1:9 SDRAM clock driver
2000 Dec 01
PCK2510SL PHILIPS-PCK2510SL Datasheet
78Kb / 10P
   50-150 MHz 1:10 SDRAM clock driver
2000 Dec 01
PCK2510S PHILIPS-PCK2510S Datasheet
81Kb / 10P
   50-150 MHz 1:10 SDRAM clock driver
1999 Dec 13
PCK2510SA PHILIPS-PCK2510SA Datasheet
78Kb / 10P
   50-150 MHz 1:10 SDRAM clock driver
2000 Dec 01
logo
List of Unclassifed Man...
AZ10E111 ETC1-AZ10E111 Datasheet
64Kb / 2P
   1:9 Differential Clock Driver
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111 Datasheet
104Kb / 5P
   1:9 DIFFERENTIAL CLOCK DRIVER
1996 REV 3
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
MC10H645 ONSEMI-MC10H645 Datasheet
106Kb / 5P
   1:9 TTL CLOCK DRIVER
1996 REV 4
logo
Texas Instruments
CDCVF111 TI-CDCVF111 Datasheet
121Kb / 1P
[Old version datasheet]   1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com