Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSM530 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZSM530
Description  SUPPLY VOLTAGE MONITOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZSM530 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZSM530_06 Datasheet HTML 1Page - Zetex Semiconductors ZSM530_06 Datasheet HTML 2Page - Zetex Semiconductors ZSM530_06 Datasheet HTML 3Page - Zetex Semiconductors ZSM530_06 Datasheet HTML 4Page - Zetex Semiconductors ZSM530_06 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Issue
3 - July 2006
© Zetex Semiconductors plc 2006
SUPPLY VOLTAGE
MONITOR
ISSUE
3 – JULY 2006
ZSM530
DEVICE DESCRIPTION
The ZSM530 is a three terminal under
vol ta g e m oni to r c i rc uit fo r u s e i n
microprocessor systems. The threshold
voltage of the device has been set to 4.3 volts
making it ideal for 5 volt circuits.
Included in the device is a precise voltage
reference and a comparator with built in
hysteresis to prevent erratic operation. The
ZSM530 features an open collector output
capable of sinking at least l0mA which only
requires a single external resistor to interface
to following circuits.
Operation of the device is guaranteed from
one volt upwards, from this level to the
device threshold voltage the output is held
low providing a power on reset function.
Should the supply voltage, once established,
at any time drop below the threshold level
then the output again will pull low.
The device is available in a TO92 package for
through hole applications as well as SOT223
for surface mount requirements.
FEATURES
SOT223 and TO92 packages
Power on reset generator
Automatic reset generation
Low standby current
Guaranteed operation from 1 volt
Wide supply voltage range
Internal clamp diode to discharge delay
capacitor
4.3 volt threshold for 5 volt logic
20mV hysteresis prevents erratic operation
APPLICATIONS
Microprocessor systems
Computers
Computer peripherals
Instrumentation
Automotive
Battery powered equipment
SCHEMATIC DIAGRAM
4-354


Similar Part No. - ZSM530_06

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSM530C ZETEX-ZSM530C Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530G ZETEX-ZSM530G Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530N8 ZETEX-ZSM530N8 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results

Similar Description - ZSM530_06

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33064 ZETEX-ZM33064 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSH560 ZETEX-ZSH560_03 Datasheet
92Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM330 ZETEX-ZSM330_06 Datasheet
415Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com