Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSD100 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZSD100
Description  AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZSD100 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZSD100 Datasheet HTML 1Page - Zetex Semiconductors ZSD100 Datasheet HTML 2Page - Zetex Semiconductors ZSD100 Datasheet HTML 3Page - Zetex Semiconductors ZSD100 Datasheet HTML 4Page - Zetex Semiconductors ZSD100 Datasheet HTML 5Page - Zetex Semiconductors ZSD100 Datasheet HTML 6Page - Zetex Semiconductors ZSD100 Datasheet HTML 7Page - Zetex Semiconductors ZSD100 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Issue 7 - July 2006
www.zetex.com
© Zetex Semiconductors plc 2006
ZSD100
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (Unless otherwise stated):Tamb=25°C, VCC=12V
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
CONDITIONS.
Supply Voltage Operating
Range
VCC
4V
18V
Supply Current
Disabled
Enabled
ICC
1
µA
25mA
RT O/C, VCC=18V
RT, Q, Q at Gnd, VCC=18V
Modulating Oscillator
Frequency Range
FMOD
0.1Hz
10Hz
VCC=4 to 18V
Frequency Value
See Note 1
FMOD
3.3Hz
5.1Hz
4.3Hz
5.5Hz
5.4Hz
5.9Hz
RT=0, CMOD=10
µF
RT=470k
Ω, CMOD=1µF
Output Oscillator
Frequency Range
Centre Frequency ( Note 2)
Deviation
Duty Cycle
FOUT
100Hz
10kHz
VCC=4 to 18V
FOUT
∆FOUT
1.01kHz
1.26kHz
±33%
49%
1.58kHz
55%
RT=0, COUT=22nF
Output
Source Current
Sink Current
Open Circuit Voltage
ISOURCE
ISINK
VOUT(HIGH)
VOUT(LOW)
5mA
0.5mA
VCC-1.5V
0.5V
VOUT=1.4V
VOUT=1.4V
IOUT=100
µA
ISINK=0.1
µA
Frequency Control
Components
Internal Resistor
External Resistor
Modulation Capacitor
Output Capacitor
RT (INT)
RT (EXT)
CMOD
COUT
0
0.1
µF
1nF
61.5k
1M
100
µF
100nF
Note 1.
FMOD
=
2850
CMOD
(61.5+RT (EXT) )
Hz
CMOD in
µF, RT (EXT) in kΩ
Note 2.
FOUT
=
1710
COUT
(61.5+RT (EXT) )
Hz
COUT in
µF, RT (EXT) in kΩ
ABSOLUTE MAXIMUM RATING
Vcc
-0.5V to +20V
Operating Temperature
-40 to 125°C
Storage Temperature
-65 to 150°C
Power Dissipation (Tamb=25°C)
SO8
625mW
DIL8
625mW


Similar Part No. - ZSD100

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSD100 ZETEX-ZSD100 Datasheet
88Kb / 8P
   AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
logo
Diodes Incorporated
ZSD100 DIODES-ZSD100 Datasheet
162Kb / 8P
   AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
logo
Red Lion Controls. Inc
ZSD1000A REDLION-ZSD1000A Datasheet
79Kb / 1P
   MODEL ZSD - 0.25 SHAFT STANDARD SERVO MOUNT ROTARY PULSE GENERATOR
logo
Zetex Semiconductors
ZSD100D8 ZETEX-ZSD100D8 Datasheet
88Kb / 8P
   AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
ZSD100N8 ZETEX-ZSD100N8 Datasheet
88Kb / 8P
   AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
More results

Similar Description - ZSD100

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZSD100 DIODES-ZSD100 Datasheet
162Kb / 8P
   AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
logo
Zetex Semiconductors
ZSD100 ZETEX-ZSD100 Datasheet
88Kb / 8P
   AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
logo
Projects Unlimited, Inc...
AW-15SBR-120 PUI-AW-15SBR-120 Datasheet
97Kb / 1P
   Siren
VW-05MR-RL PUI-VW-05MR-RL Datasheet
83Kb / 1P
   SIREN
AW-10FW PUI-AW-10FW Datasheet
191Kb / 1P
   Siren
logo
CUI INC
CPS-5248-105PM CUI-CPS-5248-105PM Datasheet
295Kb / 4P
   SIREN
01/22/2020
CPS-4242-100T CUI-CPS-4242-100T Datasheet
1Mb / 4P
   SIREN
01/22/2020
CPS-8542-110PM CUI-CPS-8542-110PM Datasheet
281Kb / 4P
   SIREN
01/22/2020
logo
CUI Devices
CPS-105110-108SPM CUID-CPS-105110-108SPM Datasheet
284Kb / 4P
   SIREN
08/05/2022
CPS-5952-105PM CUID-CPS-5952-105PM Datasheet
297Kb / 4P
   SIREN
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com