Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLASB3157DFT2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NLASB3157DFT2G
Description  SPDT, 3 ohm RON Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLASB3157DFT2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NLASB3157DFT2G Datasheet HTML 2Page - ON Semiconductor NLASB3157DFT2G Datasheet HTML 3Page - ON Semiconductor NLASB3157DFT2G Datasheet HTML 4Page - ON Semiconductor NLASB3157DFT2G Datasheet HTML 5Page - ON Semiconductor NLASB3157DFT2G Datasheet HTML 6Page - ON Semiconductor NLASB3157DFT2G Datasheet HTML 7Page - ON Semiconductor NLASB3157DFT2G Datasheet HTML 8Page - ON Semiconductor NLASB3157DFT2G Datasheet HTML 9Page - ON Semiconductor NLASB3157DFT2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NLASB3157
http://onsemi.com
7
tW
VCC
GND
VOH
VOL
50%
10%
10%
50%
50%
90%
90%
tf = 2.5 ns
tr = 2.5 ns
SWITCH
INPUT
OUTPUT
50%
tPHL
tPLH
VCC
GND
VTRI
50%
10%
10%
50%
50%
90%
90%
tf = 2.5 ns
tr = 2.5 ns
SELECT
INPUT
OUTPUT
tPZL
VTRI
OUTPUT
50%
tPZH
VOL
VOH
tPHZ
tPLZ
VOL + 0.3 V
VOH − 0.3 V
NOTE: Input driven by 50
W source terminated in 50 W
NOTE: CL includes load and stray capacitance
NOTE: Input PRR = 1.0 MHz; tW = 500 ns
VI
RD
RU
CL
FROM
OUTPUT
UNDER
TEST
Figure 2. AC Test Circuit
Figure 3. AC Waveforms
Figure 4. Break Before Make Interval Timing
LOGIC
INPUT
VOUT
tD
0.9
× VOUT
RL
CL
VOUT
VIN
LOGIC
INPUT
A
S
B0
B1
AC LOADING AND WAVEFORMS


Similar Part No. - NLASB3157DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLASB3157DFT2G ONSEMI-NLASB3157DFT2G Datasheet
70Kb / 10P
   2:1 Multiplexer
April, 2004 ??Rev. 6
NLASB3157DFT2G ONSEMI-NLASB3157DFT2G Datasheet
139Kb / 10P
   The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
More results

Similar Description - NLASB3157DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5123 ONSEMI-NLAS5123 Datasheet
123Kb / 9P
   SPDT, 1 Ohm Ron Switch
December, 2005 ??Rev. 0
NLAS4157 ONSEMI-NLAS4157 Datasheet
91Kb / 10P
   SPDT, 1 ohm RON Switch
July, 2005 ??Rev. 2
NLAS5123-06 ONSEMI-NLAS5123-06 Datasheet
175Kb / 9P
   SPDT, 1 ohm RON Switch
August, 2006 ??Rev. 1
NLAS4783 ONSEMI-NLAS4783 Datasheet
86Kb / 10P
   Triple SPDT 1.0 ohm RON Switch
October, 2005 ??Rev. 1
NLAS4783B ONSEMI-NLAS4783B_08 Datasheet
152Kb / 11P
   Triple SPDT 1.0 ohm RON Switch
July, 2008 ??Rev. 1
NLAS4783B ONSEMI-NLAS4783B Datasheet
85Kb / 10P
   Triple SPDT 1.0 ohm RON Switch
March, 2006 ??Rev. 0
NLAS5123 ONSEMI-NLAS5123_10 Datasheet
155Kb / 10P
   SPDT, 1  RON Switch
November, 2010 ??Rev. 4
NLAS4157 ONSEMI-NLAS4157_12 Datasheet
125Kb / 8P
   SPDT, 1  RON Switch
May, 2012 ??Rev. 3
logo
Alpha & Omega Semicondu...
AOZ6134 AOSMD-AOZ6134 Datasheet
343Kb / 9P
   High Performance, Low RON, 1 ohm SPDT Analog Switch
logo
ON Semiconductor
NLAS4783 ONSEMI-NLAS4783_08 Datasheet
153Kb / 11P
   Triple SPDT 1.0  RON Switch
July, 2008 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com