Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZRB500R03STOA Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZRB500R03STOA
Description  Precision 5V micropower voltage reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRB500R03STOA Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZRB500R03STOA Datasheet HTML 1Page - Zetex Semiconductors ZRB500R03STOA Datasheet HTML 2Page - Zetex Semiconductors ZRB500R03STOA Datasheet HTML 3Page - Zetex Semiconductors ZRB500R03STOA Datasheet HTML 4Page - Zetex Semiconductors ZRB500R03STOA Datasheet HTML 5Page - Zetex Semiconductors ZRB500R03STOA Datasheet HTML 6Page - Zetex Semiconductors ZRB500R03STOA Datasheet HTML 7Page - Zetex Semiconductors ZRB500R03STOA Datasheet HTML 8Page - Zetex Semiconductors ZRB500R03STOA Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ZRB500
Issue 5 - May 2006
4
www.zetex.com
© Zetex Semiconductors plc 2006
Absolute maximum rating
Electrical characteristics. Test conditions (unless otherwise stated) Tamb = 25°C
Reverse current
25mA
Power dissipation (Tamb = 25°C)
Forward current
25mA
SOT23
330mW
Operating temperature
-40 to 85°C
Storage temperature
-55 to 125°C
Symbol Parameter
Conditions
Limits
Tol.
(%)
Units
Min.
Typ.
Max.
VR
Reverse breakdown voltage IR = 150 A
4.95
5.0
5.05
1
V
4.90
5.0
5.10
2
V
4.85
5.0
5.15
3
V
IMIN
Minimum operating current
30
50
A
IR
Recommended operating
current
0.05
15
mA
TC
(*)
NOTES:
(*)
Note: VR(max) - VR(min) is the maximum deviation in reference
voltage measured over the full operating temperature range.
Average reverse breakdown
voltage temperature
coefficient
IR(min) to
IR(max)
15
50
ppm/°C
RS
(†)
(†)
Slope resistance
0.33
1.5
ZR
Reverse dynamic
impedence
IR = 1mA
f = 100Hz
IAC = 0.1IR
0.4
1
EN
Wideband noise voltage
IR = 150 A
f = 10Hz to
10kHz
105
V(rms)
T
C
V
Rmax
()
V
Rmin
()
() 1000000
×
V
R
T
max
()
T
min
()
()
×
-----------------------------------------------------------------------------------
=
R
S
V
R Change IRmin
()to IR max
()
()
I
Rmax
()
I
Rmin
()
---------------------------------------------------------------------------------
=
Reverse Characteristics
Reverse Voltage (V)
0
60
6.0
2.0
4.0
0
10
20
30
40
50
TA=-40°C
TA=85°C


Similar Part No. - ZRB500R03STOA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRB500R03 ZETEX-ZRB500R03 Datasheet
143Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
More results

Similar Description - ZRB500R03STOA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
Sipex Corporation
SPX385-5.0 SIPEX-SPX385-5.0 Datasheet
137Kb / 8P
   5V Micropower Voltage Reference
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675 Datasheet
131Kb / 4P
   5V Precision Voltage Reference
1996
logo
Burr-Brown (TI)
REF02 BURR-BROWN-REF02 Datasheet
317Kb / 12P
   5V Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF02BU TI-REF02BU Datasheet
869Kb / 15P
[Old version datasheet]   5V Precision VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_V01 Datasheet
335Kb / 5P
   5V Precision Voltage Reference
2004
logo
Advanced Monolithic Sys...
AMSREF-02 ADMOS-AMSREF-02 Datasheet
55Kb / 6P
   5V PRECISION VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_04 Datasheet
335Kb / 5P
   5V Precision Voltage Reference
Rev 2; 7/04
logo
Texas Instruments
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com