Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZRB500R03 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZRB500R03
Description  Precision 5V micropower voltage reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRB500R03 Datasheet(HTML) 6 Page - Zetex Semiconductors

Back Button ZRB500R03 Datasheet HTML 2Page - Zetex Semiconductors ZRB500R03 Datasheet HTML 3Page - Zetex Semiconductors ZRB500R03 Datasheet HTML 4Page - Zetex Semiconductors ZRB500R03 Datasheet HTML 5Page - Zetex Semiconductors ZRB500R03 Datasheet HTML 6Page - Zetex Semiconductors ZRB500R03 Datasheet HTML 7Page - Zetex Semiconductors ZRB500R03 Datasheet HTML 8Page - Zetex Semiconductors ZRB500R03 Datasheet HTML 9Page - Zetex Semiconductors ZRB500R03 Datasheet HTML 10Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ZRB500
Issue 5 - May 2006
6
www.zetex.com
© Zetex Semiconductors plc 2006
Package outline - SOT23
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inch
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Max.
Max.
A
2.67
3.05
0.105
0.120
H
0.33
0.51
0.013
0.020
B
1.20
1.40
0.047
0.055
K
0.01
0.10
0.0004
0.004
C
-
1.10
-
0.043
L
2.10
2.50
0.083
0.0985
D
0.37
0.53
0.015
0.021
M
0.45
0.64
0.018
0.025
F
0.085
0.15
0.0034
0.0059
N
0.95 NOM
0.0375 NOM
G
1.90 NOM
0.075 NOM
-
-
-
-
-
L
N
H
G
A
C
F
B
M
K
D
3 leads


Similar Part No. - ZRB500R03

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRB500R03 ZETEX-ZRB500R03 Datasheet
143Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
More results

Similar Description - ZRB500R03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
Sipex Corporation
SPX385-5.0 SIPEX-SPX385-5.0 Datasheet
137Kb / 8P
   5V Micropower Voltage Reference
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675 Datasheet
131Kb / 4P
   5V Precision Voltage Reference
1996
logo
Burr-Brown (TI)
REF02 BURR-BROWN-REF02 Datasheet
317Kb / 12P
   5V Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF02BU TI-REF02BU Datasheet
869Kb / 15P
[Old version datasheet]   5V Precision VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_V01 Datasheet
335Kb / 5P
   5V Precision Voltage Reference
2004
logo
Advanced Monolithic Sys...
AMSREF-02 ADMOS-AMSREF-02 Datasheet
55Kb / 6P
   5V PRECISION VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_04 Datasheet
335Kb / 5P
   5V Precision Voltage Reference
Rev 2; 7/04
logo
Texas Instruments
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com