Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS5223 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLAS5223
Description  Ultra-Low 0.5 ohm Dual SPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS5223 Datasheet(HTML) 1 Page - ON Semiconductor

  NLAS5223 Datasheet HTML 1Page - ON Semiconductor NLAS5223 Datasheet HTML 2Page - ON Semiconductor NLAS5223 Datasheet HTML 3Page - ON Semiconductor NLAS5223 Datasheet HTML 4Page - ON Semiconductor NLAS5223 Datasheet HTML 5Page - ON Semiconductor NLAS5223 Datasheet HTML 6Page - ON Semiconductor NLAS5223 Datasheet HTML 7Page - ON Semiconductor NLAS5223 Datasheet HTML 8Page - ON Semiconductor NLAS5223 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
September, 2006 − Rev. 4
1
Publication Order Number:
NLAS5223/D
NLAS5223, NLAS5223L
Ultra−Low 0.5 W
Dual SPDT Analog Switch
The NLAS5223 is an advanced CMOS analog switch fabricated in
Sub−micron silicon gate CMOS technology. The device is a dual
Independent Single Pole Double Throw (SPDT) switch featuring
Ultra−Low RON of 0.5
W, at VCC = 3.0 $ 0.3 V.
The part also features guaranteed Break Before Make (BBM)
switching, assuring the switches never short the driver.
Features
Ultra−Low RON, t0.5 W at VCC = 3.0 $ 0.3 V
NLAS5223 Interfaces with 2.8 V Chipset
NLAS5223L Interfaces with 1.8 V Chipset
Single Supply Operation from 1.65−3.6 V
Smallest 1.4 x 1.8 x 0.75 mm Thin QFN Package
Full 0−VCC Signal Handling Capability
High Off−Channel Isolation
Low Standby Current, t50 nA
Low Distortion
RON Flatness of 0.15 W
High Continuous Current Capability
$300 mA Through Each Switch
Large Current Clamping Diodes at Analog Inputs
$300 mA Continuous Current Capability
ESD
Human Body Model > 2000 V
These are Pb−Free Devices
Applications
Cell Phone Audio Block
Speaker and Earphone Switching
Ring−Tone Chip / Amplifier Switching
Modems
http://onsemi.com
MARKING
DIAGRAM
XXM
G
G
XX
= Specific Device Code
AU = NLAS5223
AV = NLAS5223L
M
= Date Code
G
= Pb−Free Device
(Note: Microdot may be in either location)
WQFN−10
CASE 488AQ
1
VCC
IN2
COM2
GND
8
9
10
12
NC1
NC2
NO1
76
5
4
3
NO2
IN1
COM1
FUNCTION TABLE
0
1
IN 1, 2
NO 1, 2
NC 1, 2
OFF
ON
ON
OFF
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NLAS5223

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223 Datasheet
114Kb / 11P
   Ultra?묹ow 0.5ohm Dual SPDT Analog Switch
December, 2005 ??Rev. 0
NLAS5223 ONSEMI-NLAS5223 Datasheet
108Kb / 10P
   Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
NLAS52231 ONSEMI-NLAS52231 Datasheet
149Kb / 9P
   Ultra-Low 0.4廓 Dual SPDT Analog Switch with Overshoot
September, 2007 - Rev. 1
NLAS52231 ONSEMI-NLAS52231 Datasheet
155Kb / 9P
   Ultra-Low Dual SPDT Analog Switch
September, 2008 ??Rev. 2
NLAS52231MUR2G ONSEMI-NLAS52231MUR2G Datasheet
149Kb / 9P
   Ultra-Low 0.4廓 Dual SPDT Analog Switch with Overshoot
September, 2007 - Rev. 1
More results

Similar Description - NLAS5223

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5223B ONSEMI-NLAS5223B Datasheet
124Kb / 12P
   Ultra?묹ow 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 3
logo
Union Semiconductor, In...
UM5223 UNIONSEMI-UM5223_16 Datasheet
188Kb / 6P
   0.5(ohm) Ultra Low On-Resistance Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_15 Datasheet
108Kb / 10P
   Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
logo
Integrated Device Techn...
IDTAS4684 IDT-IDTAS4684_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684A IDT-IDTAS4684A_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684 IDT-IDTAS4684 Datasheet
298Kb / 14P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684_15 Datasheet
514Kb / 12P
   0.5(OHM) Low-Voltage Dual SPDT Analog Switch
logo
Shenzhen Huazhimei Semi...
HM5223 HMSEMI-HM5223 Datasheet
637Kb / 8P
   Ultra-Low 0.5廓 Dual SPDT Analog Switch
logo
National Semiconductor ...
LMS4684 NSC-LMS4684 Datasheet
255Kb / 10P
   0.5 Low-Voltage, Dual SPDT Analog Switch
logo
SG Micro Corp
SGM5223 SGMICRO-SGM5223 Datasheet
423Kb / 10P
   0.5廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com