Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS4717MR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLAS4717MR2G
Description  4.5 ohm High Bandwidth, Dual SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4717MR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NLAS4717MR2G Datasheet HTML 1Page - ON Semiconductor NLAS4717MR2G Datasheet HTML 2Page - ON Semiconductor NLAS4717MR2G Datasheet HTML 3Page - ON Semiconductor NLAS4717MR2G Datasheet HTML 4Page - ON Semiconductor NLAS4717MR2G Datasheet HTML 5Page - ON Semiconductor NLAS4717MR2G Datasheet HTML 6Page - ON Semiconductor NLAS4717MR2G Datasheet HTML 7Page - ON Semiconductor NLAS4717MR2G Datasheet HTML 8Page - ON Semiconductor NLAS4717MR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NLAS4717
http://onsemi.com
3
ANALOG SWITCH CHARACTERISTICS − Digital Section (Voltages Referenced to GND)
Symbol
Parameter
Condition
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
RON
ON Resistance
(Note 2)
VCC = 3.0 V
ICOM = 10 mA
VNO or VNC = VIH or VIL
3.0
4.5
W
VCC = 5.0 V
ICOM = 10 mA
VNO or VNC = VIH or VIL
5.0
3.5
DRON
ON Resistance
Match Between Channels
(Note 2 and 3)
VCC = 3.6 V
ICOM = 10 mA
VNO or VNC = VIH or VIL
3.6
0.1
0.4
W
VCC = 5.5 V
ICOM = 10 mA
VNO or VNC = VIH or VIL
5.5
RFLAT[ON]
ON Resistance
Flatness
(Note 4)
ICOM = 10 mA
VIS = 0 to VCC
3.0
1.5
W
ICOM = 10 mA
VIS = 0 to VCC
5.5
1.36
INO_[OFF]
INC_[OFF]
NO_, NC_
Off−Leakage Current
(Note 5)
VCC = 3.6 V
VCOM = 0.3 V or 3.3 V
VNO or VNC = 0.3 V or 3.3 V
3.6
−1.0
0.01
+1.0
nA
VCC = 5.5 V
VCOM = 0 V or 5.0 V
VNO or VNC = 0 V or 5.0 V
5.5
−1.0
0.01
+1.0
ICOM_[ON]
COM_
On−Leakage Current
(Note 5)
VCC = 3.6 V
VCOM = 0.3 V or 3.3 V
VNO or VNC = 0.3 V or 3.3 V
3.6
−2.0
0.01
+2.0
nA
VCC = 5.5 V
VCOM = 0 V or 5.0 V
VNO or VNC = 0 V or 5.0 V
5.5
−2.0
0.01
+2.0
ANALOG SWITCH AC CHARACTERISTICS
Symbol
Parameter
Condition
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
tON
Turn−On Time
VNC_, VNO_ = VIH or VIL
RL = 300 W, CL = 35 pF
VIN[x] = VIH or VIL
1.8 to 5.5
30
nS
tOFF
Turn−Off Time
VNC_, VNO_ = VIH or VIL
RL = 300 W, CL = 35 pF
VIN[x] = VIH or VIL
1.8 to 5.5
40
nS
tBBM
Break−Before−Make
Time Delay
(Note 5)
VNC_, VNO_ = 1.5 V
RL = 300 W, CL = 35 pF
8.0
nS
tSKEW
Skew
(Note 5)
RS = 39 W, CL = 50 pF
0.15
2.0
nS
2. RON characterized for VCC range (1.65 V to 5.5 V).
3.
DRON = RON(MAX) − RON(MIN).
4. RFLAT[ON] = RON(MAX) − RON(MIN), measured over VCC range.
5. Guaranteed by design.


Similar Part No. - NLAS4717MR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP Datasheet
1Mb / 6P
   Integrated Solutions for USB Line Protection and Termination
Rev.4, Feb-2007
NLAS4717EP ONSEMI-NLAS4717EP Datasheet
88Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
March, 2006 ??Rev. 5
NLAS4717EP ONSEMI-NLAS4717EP Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
NLAS4717EPFCT1G ONSEMI-NLAS4717EPFCT1G Datasheet
88Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
March, 2006 ??Rev. 5
NLAS4717EPFCT1G ONSEMI-NLAS4717EPFCT1G Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
More results

Similar Description - NLAS4717MR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP Datasheet
88Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
March, 2006 ??Rev. 5
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q_16 Datasheet
446Kb / 14P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
UM4717 UNIONSEMI-UM4717_16 Datasheet
477Kb / 16P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP_11 Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
logo
Integrated Device Techn...
IDTUS4717 IDT-IDTUS4717 Datasheet
275Kb / 14P
   4.5 OHM LOW VOLTAGE, HIGH BANDWIDTH, DUAL SPDT ANALOG SWITCH
logo
Union Semiconductor, In...
UM4717 UNIONSEMI-UM4717 Datasheet
433Kb / 16P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717 Datasheet
535Kb / 11P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717EP SGMICRO-SGM4717EP Datasheet
434Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717YD SGMICRO-SGM4717YD Datasheet
470Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q Datasheet
309Kb / 14P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com