Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS4717EP Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLAS4717EP
Description  4.5 ohm High Bandwidth, Dual SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4717EP Datasheet(HTML) 3 Page - ON Semiconductor

  NLAS4717EP Datasheet HTML 1Page - ON Semiconductor NLAS4717EP Datasheet HTML 2Page - ON Semiconductor NLAS4717EP Datasheet HTML 3Page - ON Semiconductor NLAS4717EP Datasheet HTML 4Page - ON Semiconductor NLAS4717EP Datasheet HTML 5Page - ON Semiconductor NLAS4717EP Datasheet HTML 6Page - ON Semiconductor NLAS4717EP Datasheet HTML 7Page - ON Semiconductor NLAS4717EP Datasheet HTML 8Page - ON Semiconductor NLAS4717EP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NLAS4717EP
http://onsemi.com
3
ANALOG SWITCH DC CHARACTERISTICS
Symbol
Parameter
Condition
VCC (V)
−40
°C to +85°C
Unit
Min
Max
VIH
Input Logic High Voltage
VOUT = 0.1 V
IOUT ≤ 20 mA
1.65 to 2.2
2.7 to 3.6
4.5 to 5.5
VCC x 0.55
VCC x 0.5
2.0
V
VIL
Input Logic Low Voltage
VOUT = −VCC − 0.1 V
IOUT ≤ 20 mA
1.65 to 2.2
2.7 to 3.6
4.5 to 5.5
VCC x 0.2
VCC x 0.2
0.8
V
IIN
Input Leakage Current
VIN = VCC or GND
5.5
−100
+100
nA
VCC
Power Supply Range
All
1.65
5.5
V
ICC
Supply Current
VIN = VCC or GND
IOUT = 0 mA
1.8
3.3
5.5
1.0
1.0
1.0
mA
ANALOG SWITCH CHARACTERISTICS − Digital Section (Voltages Referenced to GND)
Symbol
Parameter
Condition
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
RON
ON Resistance
(Note 2)
ICOM = 10 mA
VIS = 0 to VCC
3.0
3.2
4.5
W
5.0
2.1
3.5
DRON
ON Resistance
Match Between Channels
(Note 2 and 3)
ICOM = 10 mA
VIS = 0 to VCC
3.0
0.1
0.4
W
5.0
0.1
0.4
RFLAT[ON]
ON Resistance
Flatness
(Note 4)
ICOM = 10 mA
VIS = 0 to VCC
3.0
1.12
1.5
W
5.0
0.55
1.36
INO_[OFF]
INC_[OFF]
NO_, NC_
Off−Leakage Current
(Note 5)
VCOM = 0.3 V or 3.3 V
VNO or VNC = 0.3 V or 3.3 V
3.6
−1.0
0.01
+1.0
nA
VCOM = 0 V or 5.0 V
VNO or VNC = 0 V or 5.0 V
5.5
−1.0
0.01
+1.0
ICOM_[ON]
COM_
On−Leakage Current
(Note 5)
VCOM = 0.3 V or 3.3 V
VNO or VNC = 0.3 V or 3.3 V
3.6
−2.0
0.01
+2.0
nA
VCOM = 0 V or 5.0 V
VNO or VNC = 0 V or 5.0 V
5.5
−2.0
0.01
+2.0


Similar Part No. - NLAS4717EP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP Datasheet
1Mb / 6P
   Integrated Solutions for USB Line Protection and Termination
Rev.4, Feb-2007
NLAS4717EP ONSEMI-NLAS4717EP Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
NLAS4717EPFCT1G ONSEMI-NLAS4717EPFCT1G Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
NLAS4717EPMTR2G ONSEMI-NLAS4717EPMTR2G Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
NLAS4717EP ONSEMI-NLAS4717EP_11 Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
More results

Similar Description - NLAS4717EP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4717 ONSEMI-NLAS4717 Datasheet
96Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
April, 2006 ??Rev. 8
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q_16 Datasheet
446Kb / 14P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
UM4717 UNIONSEMI-UM4717_16 Datasheet
477Kb / 16P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP_11 Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
logo
Integrated Device Techn...
IDTUS4717 IDT-IDTUS4717 Datasheet
275Kb / 14P
   4.5 OHM LOW VOLTAGE, HIGH BANDWIDTH, DUAL SPDT ANALOG SWITCH
logo
Union Semiconductor, In...
UM4717 UNIONSEMI-UM4717 Datasheet
433Kb / 16P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717 Datasheet
535Kb / 11P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717EP SGMICRO-SGM4717EP Datasheet
434Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717YD SGMICRO-SGM4717YD Datasheet
470Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q Datasheet
309Kb / 14P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com