Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZRC400A03 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZRC400A03
Description  PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRC400A03 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZRC400A03 Datasheet HTML 1Page - Zetex Semiconductors ZRC400A03 Datasheet HTML 2Page - Zetex Semiconductors ZRC400A03 Datasheet HTML 3Page - Zetex Semiconductors ZRC400A03 Datasheet HTML 4Page - Zetex Semiconductors ZRC400A03 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Forward Characteristics
Forward Current (mA)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1
10
100
1000
1
0
0.5
1.5
2
0.1
Reference Current (mA)
Slope Resistance vs. Current
110
0
0
10
2
4
0
Time (µs)
Transient Response (Single Pulse)
200
400
600
Ta=-40°C
Ta=25°C
Ta=85°C
5mA
150µA
4.10
4.08
4.09
60
80
100
-40
Temperature (°C)
Temperature Drift
-20
0
20
40
10
0.1
1
100
1000
10
Frequency (Hz)
Slope Resistance vs. Frequency
100
1K
10K
100K
0
10
0
2
4
Transient Response (Repetitive Pulse)
4
Time (µs)
2
06
Iref=100µA
Iref=150µA
Iref=5mA
5mA
150µA
Iref=1mA
39K
150
µA
1K2
5mA
VIN
39K
150
µA
1K2
5mA
VIN
ZRC400
TYPICAL CHARACTERISTICS
4-259


Similar Part No. - ZRC400A03

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRC400A03 ZETEX-ZRC400A03 Datasheet
71Kb / 5P
   PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
More results

Similar Description - ZRC400A03

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZRC400 DIODES-ZRC400 Datasheet
105Kb / 6P
   PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRC400 ZETEX-ZRC400 Datasheet
71Kb / 5P
   PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC330 ZETEX-ZRC330 Datasheet
121Kb / 5P
   PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC250 ZETEX-ZRC250_03 Datasheet
61Kb / 5P
   PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZRC250 DIODES-ZRC250 Datasheet
105Kb / 6P
   PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRC250 ZETEX-ZRC250 Datasheet
83Kb / 5P
   PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC500 ZETEX-ZRC500 Datasheet
72Kb / 5P
   PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC330 ZETEX-ZRC330_03 Datasheet
63Kb / 5P
   PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZRC500 DIODES-ZRC500 Datasheet
141Kb / 9P
   PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC330 DIODES-ZRC330 Datasheet
103Kb / 6P
   PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com