Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL37WZ17 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL37WZ17
Description  Triple Noninverting Schmitt-Trigger Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL37WZ17 Datasheet(HTML) 3 Page - ON Semiconductor

  NL37WZ17_06 Datasheet HTML 1Page - ON Semiconductor NL37WZ17_06 Datasheet HTML 2Page - ON Semiconductor NL37WZ17_06 Datasheet HTML 3Page - ON Semiconductor NL37WZ17_06 Datasheet HTML 4Page - ON Semiconductor NL37WZ17_06 Datasheet HTML 5Page - ON Semiconductor NL37WZ17_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NL37WZ17
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
VCC
(V)
TA = 255C
*405C v TA v 855C
Unit
Min
Typ
Max
Min
Max
VT)
Positive Input Threshold
Voltage
2.3
1.0
1.5
1.8
1.0
1.8
V
2.7
1.2
1.7
2.0
1.2
2.0
3.0
1.3
1.9
2.2
1.3
2.2
4.5
1.9
2.7
3.1
1.9
3.1
5.5
2.2
3.3
3.6
2.2
3.6
VT*
Negative Input Threshold
Voltage
2.3
0.4
0.75
1.15
0.4
1.15
V
2.7
0.5
0.87
1.4
0.5
1.4
3.0
0.6
1.0
1.5
0.6
1.5
4.5
1.0
1.5
2.0
1.0
2.0
5.5
1.2
1.9
2.3
1.2
2.3
VH
Input Hysteresis Voltage
2.3
0.25
0.75
1.1
0.25
1.1
V
2.7
0.3
0.83
1.15
0.3
1.15
3.0
0.4
0.93
1.2
0.4
1.2
4.5
0.6
1.2
1.5
0.6
1.5
5.5
0.7
1.4
1.7
0.7
1.7
VOH
High−Level Output Voltage
VIN = VIH or VIL
IOH = −100 mA
1.65 to 5.5
VCC *0.1
VCC
VCC *0.1
V
IOH = *3 mA
1.65
1.29
1.52
1.29
IOH = *8 mA
2.3
1.9
2.1
1.9
IOH = *12 mA
2.7
2.2
2.4
2.2
IOH = *16 mA
3.0
2.4
2.7
2.4
IOH = *24 mA
3.0
2.3
2.5
2.3
IOH = *32 mA
4.5
3.8
4.0
3.8
VOL
Low−Level Output Voltage
VIN = VIH or VIL
IOL = 100 mA
1.65 to 5.5
0.1
0.1
V
IOL = 4 mA
1.65
0.08
0.24
0.24
IOL = 8 mA
2.3
0.2
0.3
0.3
IOL = 12 mA
2.7
0.22
0.4
0.4
IOL = 16 mA
3.0
0.28
0.4
0.4
IOL = 24 mA
3.0
0.38
0.55
0.55
IOL = 32 mA
4.5
0.42
0.55
0.55
IIN
Input Leakage Current
VIN = VCC or GND
0 to 5.5
$0.1
$1.0
mA
IOFF
Power Off−Output Leakage
Current
VOUT = 5.5 V
0
1
10
mA
ICC
Quiescent Supply Current
VIN = VCC or GND
5.5
1
10
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
VCC
TA = 255C
*405C v TA v 855C
Symbol
Parameter
Condition
(V)
Min
Typ
Max
Min
Max
Unit
tPLH
tPHL
Propagation Delay
Input A to Y
(Figures 3 and 4)
RL = 1 MW, CL = 15 pF
2.5
$ 0.2
1.8
4.3
7.4
1.8
8.1
ns
RL = 1 MW, CL = 15 pF
3.3
$ 0.3
1.5
3.3
5.0
1.5
5.5
RL = 500 W, CL = 50 pF
1.8
4.0
5.0
1.8
6.6
RL = 1 MW, CL = 15 pF
5.0
$ 0.5
1.0
2.7
4.1
1.0
4.5
RL = 500 W, CL = 50 pF
1.2
3.2
4.9
1.2
5.4


Similar Part No. - NL37WZ17_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL37WZ17MQ1TCG ONSEMI-NL37WZ17MQ1TCG Datasheet
268Kb / 12P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2022 - Rev. 12
NL37WZ17MQ2TCG ONSEMI-NL37WZ17MQ2TCG Datasheet
268Kb / 12P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2022 - Rev. 12
NL37WZ17MU1TCG ONSEMI-NL37WZ17MU1TCG Datasheet
268Kb / 12P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2022 - Rev. 12
NL37WZ17MU3TCG ONSEMI-NL37WZ17MU3TCG Datasheet
268Kb / 12P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2022 - Rev. 12
NL37WZ17US ONSEMI-NL37WZ17US Datasheet
87Kb / 8P
   Triple Noninverting Schmitt-Trigger Buffer
May, 2003 - Rev. 3
More results

Similar Description - NL37WZ17_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL37WZ17 ONSEMI-NL37WZ17_V01 Datasheet
268Kb / 12P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2022 - Rev. 12
NL37WZ17 ONSEMI-NL37WZ17 Datasheet
87Kb / 8P
   Triple Noninverting Schmitt-Trigger Buffer
May, 2003 - Rev. 3
NL37WZ17 ONSEMI-NL37WZ17_13 Datasheet
113Kb / 5P
   Triple Noninverting Schmitt-Trigger Buffer
May, 2013 ??Rev. 8
NL37WZ17 ONSEMI-NL37WZ17_12 Datasheet
105Kb / 5P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2012 ??Rev. 7
logo
Texas Instruments
SN74LVC3G17 TI1-SN74LVC3G17_15 Datasheet
994Kb / 23P
[Old version datasheet]   Triple Schmitt-Trigger Buffer
SN74LVC3G17 TI-SN74LVC3G17 Datasheet
260Kb / 12P
[Old version datasheet]   TRIPLE SCHMITT TRIGGER BUFFER
logo
Diodes Incorporated
74LVC3G17 DIODES-74LVC3G17 Datasheet
626Kb / 9P
   TRIPLE SCHMITT-TRIGGER BUFFER
November 2022 Rev. 1 - 2
logo
ON Semiconductor
NLX3G17 ONSEMI-NLX3G17 Datasheet
100Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. P1
NLU3G17 ONSEMI-NLU3G17_16 Datasheet
79Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 4
logo
Texas Instruments
SN74AUP3G17 TI-SN74AUP3G17 Datasheet
284Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com