Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZR78L04 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZR78L04
Description  2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZR78L04 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZR78L04 Datasheet HTML 1Page - Zetex Semiconductors ZR78L04 Datasheet HTML 2Page - Zetex Semiconductors ZR78L04 Datasheet HTML 3Page - Zetex Semiconductors ZR78L04 Datasheet HTML 4Page - Zetex Semiconductors ZR78L04 Datasheet HTML 5Page - Zetex Semiconductors ZR78L04 Datasheet HTML 6Page - Zetex Semiconductors ZR78L04 Datasheet HTML 7Page - Zetex Semiconductors ZR78L04 Datasheet HTML 8Page - Zetex Semiconductors ZR78L04 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Device
Output voltage
Package options
TO92(C)
SOT223(G)
SO8(N8)
ZR78L028
2.85V
Obsolete
Obsolete
N/A
ZR78L03
3.0V
Obsolete
Obsolete
N/A
ZR78L033
3.3V
Obsolete
Obsolete
N/A
ZR78L04
4.0V
Obsolete
Obsolete
N/A
ZR78L048
4.85V
Obsolete
Obsolete
N/A
ZR78L05
5.0V
Not for new designs Not for new designs
Obsolete
ZR78L052
5.2V
Obsolete
Obsolete
N/A
ZR78L057
5.7V
Obsolete
Obsolete
N/A
ZR78L06
6.0V
Not for new designs Not for new designs
Obsolete
ZR78L07
7.0V
Obsolete
Obsolete
N/A
ZR78L08
8.0V
Obsolete
Obsolete
N/A
ZR78L085
8.5V
Obsolete
Obsolete
N/A
ZR78L09
9.0V
Obsolete
Obsolete
N/A
ZR78L10
10.0V
Obsolete
Obsolete
N/A
ZR78L12
12.0V
Obsolete
Obsolete
N/A
N/A - never available
The ZSRxxx family of linear regulators are alternatives to the ZR78L family
2.85 TO 12 VOLT FIXED POSITIVE
LOCAL VOLTAGE REGULATOR
ISSUE 5 - JUNE 2006
DEVICE DESCRIPTION
The ZR78L Series three terminal fixed positive
voltage regulators feature internal circuit
current limit and thermal shutdown making
the devices difficult to destroy. The circuit
design allows creation of any custom voltage
in the range 2.85 to 12 volts. The devices are
available in a small outline surface mount
package, ideal for applications where space
saving is important, as well as through hole
TO92 style packaging. The devices are suited
to local voltage regulation applications, where
problems could be encountered with
distributed single source regulation, as well as
more general voltage regulation applications.
The ZR78L Series show performance
characteristics superior to other local voltage
regulators. The initial output voltage is
maintained to within 2.5% with a quiescent
current of typically 350
µA. Output voltage
change, with input voltage and load current, is
much lower than competitive devices. The
ZR78L devices are completely stable with no
external components. The device will shut
down under thermal overload conditions but
as the device cools, regulation will restart.
FEATURES
2.85 to 12 Volt
Output current up to 200mA
Tight initial tolerance
Low quiescent current
-55 to 125°C temperature range
No external components
Internal thermal shutdown
Internal short circuit current limit
ZR78L
SERIES
4-200


Similar Part No. - ZR78L04

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR78L04 DIODES-ZR78L04 Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L048 DIODES-ZR78L048 Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Zetex Semiconductors
ZR78L048C ZETEX-ZR78L048C Datasheet
203Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L048G ZETEX-ZR78L048G Datasheet
203Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L048N8 ZETEX-ZR78L048N8 Datasheet
203Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
More results

Similar Description - ZR78L04

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR78L05GTA DIODES-ZR78L05GTA Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Zetex Semiconductors
ZSR ZETEX-ZSR_06 Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR Datasheet
421Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L Datasheet
203Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR300CSTZ ZETEX-ZSR300CSTZ Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
logo
Diodes Incorporated
ZSR300GTA DIODES-ZSR300GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR DIODES-ZSR Datasheet
615Kb / 18P
   ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
logo
Zetex Semiconductors
ZSAT500 ZETEX-ZSAT500 Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT600 ZETEX-ZSAT600 Datasheet
85Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZSAT600 DIODES-ZSAT600 Datasheet
86Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com