Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZR4040-41 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZR4040-41
Description  PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZR4040-41 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZR4040-41 Datasheet HTML 1Page - Zetex Semiconductors ZR4040-41 Datasheet HTML 2Page - Zetex Semiconductors ZR4040-41 Datasheet HTML 3Page - Zetex Semiconductors ZR4040-41 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (Unless otherwise stated) Tamb= 25°C
SYMBOL PARAMETER
CONDITION
LIMITS
TOL
UNITS
MIN
TYP
MAX
VR
Reverse Breakdown
Voltage
I
R=150µA
4.05
4.01
4.096
4.096
4.14
4.18
1
2
V
IMIN
Minimum Operating
Current
25
60
µA
IR
Recommended Operating
Current
0.06
15
mA
TC
Average Reverse Breakdown
Voltage Temp. Co.
IR(min) to IR(max)
20
100
ppm/°C
RS §
Slope Resistance
0.55
2
ZR
Reverse Dynamic
Impedance
IR =1mA
f = 100Hz
IAC= 0.1 IR
0.5
1.2
EN
Wideband Noise Voltage
IR =1mA
f = 10Hz to
10kHz
90
µV(rms)
ABSOLUTE MAXIMUM RATING
Reverse Current
25mA
Forward Current
25mA
Operating Temperature
-40 to 85°C
Storage Temperature
-55 to 125°C
Power Dissipation (Tamb=25°C)
SOT23
330mW
E-Line, 3 pin (TO92)
500mW
ZR4040-4.1
0
Reverse Characteristics
Reverse Voltage (V)
0
10
20
30
50
4.0
2.0
40
TA=25°C
TA=-40°C
TA=85°C
TC
=
(VR(max)−VR(min)) x 1000000
VR x
(T(max)−T(min))
Note: VR(max) - VR(min) is the maximum
deviation in reference voltage measured
over the full operating temperature
range.
§
RS
=
VR Change
(IR (min) to IR (max))
IR
(max) − IR (min)
4-178


Similar Part No. - ZR4040-41

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR4040-4.1 DIODES-ZR4040-4.1 Datasheet
90Kb / 5P
   PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
More results

Similar Description - ZR4040-41

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR4040-4.1 DIODES-ZR4040-4.1 Datasheet
90Kb / 5P
   PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040_4.1 DIODES-ZR4040_4.1 Datasheet
90Kb / 5P
   PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA400 DIODES-ZRA400 Datasheet
171Kb / 5P
   PRECISION 4.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRA125 ZETEX-ZRA125 Datasheet
169Kb / 5P
   PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF12 ZETEX-ZREF12 Datasheet
71Kb / 4P
   PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR12D ZETEX-ZR12D Datasheet
61Kb / 4P
   PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com