Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCK2020 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCK2020
Description  CK00 100/133MHz spread spectrum differential system clock generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2020 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCK2020 Datasheet HTML 4Page - NXP Semiconductors PCK2020 Datasheet HTML 5Page - NXP Semiconductors PCK2020 Datasheet HTML 6Page - NXP Semiconductors PCK2020 Datasheet HTML 7Page - NXP Semiconductors PCK2020 Datasheet HTML 8Page - NXP Semiconductors PCK2020 Datasheet HTML 9Page - NXP Semiconductors PCK2020 Datasheet HTML 10Page - NXP Semiconductors PCK2020 Datasheet HTML 11Page - NXP Semiconductors PCK2020 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product specification
PCK2020
CK00 (100/133MHz) spread spectrum
differential system clock generator
2000 Nov 13
8
DC CHARACTERISTICS
TEST CONDITIONS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = 0°C to +70°C
UNIT
VDD (V)
OTHER
MIN
TYP
MAX
VIH
HIGH level input voltage
3.135 to 3.465
2.0
VDD3 +
0.3
V
VIL
LOW level input voltage
3.135 to 3.465
VSS – 0.3
0.8
V
VOH3
3.3 V output HIGH voltage
REF, 3V48M, 3V66, MREF,
MREF_BAR, 48 MHz
3.135 to 3.465
IOH = –1 mA
2.0
V
VOL3
3.3 V output LOW voltage
REF, 3V48M, 3V66, MREF,
MREF_BAR, 48 MHz
3.135 to 3.465
IOH = 1 mA
0.4
V
VOHP
3.3 V output HIGH voltage
PCI
3.135 to 3.465
IOH = –1 mA
2.4
V
VOLP
3.3 V output LOW voltage
PCI
3.135 to 3.465
IOH = 1 mA
0.55
V
IO
PCI, 3V66
3VMREF
3.135
VOUT = 1.0 V
Type 5
–33
mA
IOH
3VMREF_BAR
output HIGH current
3.465
VOUT = 3.135 V
y
12–55
–33
mA
IO
48 MHz, REF
3.135
VOUT = 1.0 V
Type 3
–29
mA
IOH
,
output HIGH current
3.465
VOUT = 3.135 V
y
20–60
–23
mA
IO
HOST/HOST_BAR
3 135 to 3 465
0.66 V
TypeX1
–11
mA
IOH
_
OUTPUT CURRENT
3.135 to 3.465
0.76 V
Type X1
–12.7
IO
PCI, 3V66
3VMREF
3.135
VOUT = 1.95 V
Type 5
30
mA
IOL
3VMREF_BAR
output LOW current
3.465
VOUT = 0.4 V
y
12–55
38
mA
IO
48 MHz, REF
3.135
VOUT = 1.95 V
Type 3
29
mA
IOL
,
output LOW current
3.465
VOUT = 0.4 V
y
20–60
27
mA
VOL
HOST/HOST_BAR
VSS = 0.0
Rs = 33.2
Rp = 49.9
Type X1
0.0
0.05
V
±II
Input leakage current
3.365
0 < VIN < VDD3
–5
5
µA
±IOZ
3-State output OFF-State
current
3.465
VOUT =
VDD or GND
IO = 0
10
µA
Cin
Input pin capacitance
5
pF
Cxtal
Crystal input capacitance
13.5
22.5
pF
Cout
Output pin capacitance
6
pF
NOTE:
1. All clock outputs loaded with maximum lump capacitance test load specified in AC characteristics section.


Similar Part No. - PCK2020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2021 PHILIPS-PCK2021 Datasheet
108Kb / 15P
   CK00 100/133 MHz spread spectrum differential system clock generator
2001 Oct 11
PCK2021DGG PHILIPS-PCK2021DGG Datasheet
108Kb / 15P
   CK00 100/133 MHz spread spectrum differential system clock generator
2001 Oct 11
PCK2021DL PHILIPS-PCK2021DL Datasheet
108Kb / 15P
   CK00 100/133 MHz spread spectrum differential system clock generator
2001 Oct 11
PCK2022R PHILIPS-PCK2022R Datasheet
102Kb / 14P
   CK00 100/133 MHz spread spectrum differential system clock generator
2000 Nov 13
PCK2022RA PHILIPS-PCK2022RA Datasheet
100Kb / 14P
   CK00 (100/133 MHz) spread spectrum differential system clock generator
2003 Jul 31
More results

Similar Description - PCK2020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2021 PHILIPS-PCK2021 Datasheet
108Kb / 15P
   CK00 100/133 MHz spread spectrum differential system clock generator
2001 Oct 11
PCK2022RA PHILIPS-PCK2022RA Datasheet
100Kb / 14P
   CK00 (100/133 MHz) spread spectrum differential system clock generator
2003 Jul 31
PCK2022R PHILIPS-PCK2022R Datasheet
102Kb / 14P
   CK00 100/133 MHz spread spectrum differential system clock generator
2000 Nov 13
PCK2010 PHILIPS-PCK2010 Datasheet
113Kb / 16P
   CK98 100/133MHz Spread Spectrum System Clock Generator
1999 Mar 01
PCK2010R PHILIPS-PCK2010R Datasheet
102Kb / 18P
   CK98R 100/133MHz RCC spread spectrum system clock generator
1999 Oct 19
PCK2010RA PHILIPS-PCK2010RA Datasheet
108Kb / 16P
   CK98R 100/133MHz RCC spread spectrum system clock generator
2001 Apr 02
PCK2023 PHILIPS-PCK2023 Datasheet
177Kb / 30P
   CK408 66/100/133/200 MHz spread spectrum differential system clock generator
2001 Sep 07
logo
Fairchild Semiconductor
RC7106 FAIRCHILD-RC7106 Datasheet
815Kb / 16P
   133MHz Spread Spectrum Clock for Motherboards
logo
NXP Semiconductors
PCK2014A PHILIPS-PCK2014A Datasheet
105Kb / 16P
   CK98 100/133 MHz spread spectrum system clock generator
2001 Apr 02
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com