Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMR500FTC Datasheet(PDF) 11 Page - Zetex Semiconductors

Part # ZMR500FTC
Description  Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZMR500FTC Datasheet(HTML) 11 Page - Zetex Semiconductors

Back Button ZMR500FTC Datasheet HTML 4Page - Zetex Semiconductors ZMR500FTC Datasheet HTML 5Page - Zetex Semiconductors ZMR500FTC Datasheet HTML 6Page - Zetex Semiconductors ZMR500FTC Datasheet HTML 7Page - Zetex Semiconductors ZMR500FTC Datasheet HTML 8Page - Zetex Semiconductors ZMR500FTC Datasheet HTML 9Page - Zetex Semiconductors ZMR500FTC Datasheet HTML 10Page - Zetex Semiconductors ZMR500FTC Datasheet HTML 11Page - Zetex Semiconductors ZMR500FTC Datasheet HTML 12Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ZMR series
Issue 6 - April 2007
11
www.zetex.com
© Zetex Semiconductors plc 2007
Package outline - TO92
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
DIM
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.32
4.95
0.170
0.195
b
0.36
0.51
0.014
0.020
E
3.30
3.94
0.130
0.155
e
2.41
2.67
0.095
0.105
e1
1.14
1.40
0.045
0.055
L
12.70
15.49
0.500
0.610
R
2.16
2.41
0.085
0.095
S1
1.14
1.52
0.045
0.060
W
0.41
0.56
0.016
0.022
D
4.45
4.95
0.175
0.195


Similar Part No. - ZMR500FTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMR500FTC ZETEX-ZMR500FTC Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
More results

Similar Description - ZMR500FTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_08 Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Diodes Incorporated
ZMR DIODES-ZMR Datasheet
187Kb / 7P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Zetex Semiconductors
ZMR ZETEX-ZMR Datasheet
193Kb / 10P
   FIXED 2.5 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Microsemi Corporation
SG109 MICROSEMI-SG109_1 Datasheet
261Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
SG109 MICROSEMI-SG109 Datasheet
50Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
logo
Diodes Incorporated
ZTR250 DIODES-ZTR250 Datasheet
90Kb / 6P
   FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
logo
Zetex Semiconductors
ZTR250 ZETEX-ZTR250 Datasheet
98Kb / 6P
   FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
ZMR330 ZETEX-ZMR330 Datasheet
138Kb / 8P
   3.3 VOLT MINIATURE VOLTAGE REGULATOR
logo
Texas Instruments
LM2937IMP-33 TI1-LM2937IMP-33 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com