Electronic Components Datasheet Search |
|
NL17SZ00 Datasheet(PDF) 3 Page - ON Semiconductor |
|
NL17SZ00 Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 6 page NL17SZ00 http://onsemi.com 3 DC ELECTRICAL CHARACTERISTICS Symbol Parameter Condition VCC (V) TA = 255C *405C v TA v 855C Unit Min Typ Max Min Max VIH High−Level Input Voltage 1.65 to 1.95 2.3 to 5.5 0.75 VCC 0.7 VCC 0.75 VCC 0.7 VCC V VIL Low−Level Input Voltage 1.65 to 1.95 2.3 to 5.5 0.25 VCC 0.3 VCC 0.25 VCC 0.3 VCC V VOH High−Level Output Voltage VIN = VIL or VIH IOH = 100 mA IOH = −3 mA IOH = −8 mA IOH = −12 mA IOH = −16 mA IOH = −24 mA IOH = −32 mA 1.65 to 5.5 1.65 2.3 2.7 3.0 3.0 4.5 VCC − 0.1 1.55 1.9 2.2 2.4 2.3 3.8 VCC 1.65 2.1 2.4 2.7 2.5 4.0 VCC − 0.1 1.55 1.9 2.2 2.4 2.3 3.8 V VOL Low−Level Output Voltage VIN = VIH or VOH IOL = 100 mA IOL = 3 mA IOL = 8 mA IOL = 12 mA IOL = 16 mA IOL = 24 mA IOL = 32 mA 1.65 to 5.5 1.65 2.3 2.7 3.0 3.0 4.5 0.08 0.20 0.22 0.28 0.38 0.42 0.1 0.24 0.3 0.4 0.4 0.55 0.55 0.1 0.24 0.3 0.4 0.4 0.55 0.55 V IIN Input Leakage Current VIN = VCC or GND 0 to 5.5 $0.1 $1.0 mA ICC Quiescent Supply Current VIN = VCC or GND 5.5 1 10 mA AC ELECTRICAL CHARACTERISTICS tR = tF = 3.0 ns Symbol Parameter Condition VCC (V) TA = 255C *405C v TA v 855C Unit Min Typ Max Min Max tPLH tPHL Propagation Delay (Figure 3 and 4) RL = 1 MW, CL = 15 pF 1.65 2.0 5.4 11.4 2.0 12 ns RL = 1 MW, CL = 15 pF 1.8 2.0 4.5 9.5 2.0 10.0 RL = 1 MW, CL = 15 pF 2.5 to 0.2 0.8 3.0 6.5 0.8 7.0 RL = 1 MW, CL = 15 pF 3.3 $ 0.3 0.5 2.4 4.5 0.5 4.7 RL = 500 W, CL = 50 pF 1.5 2.4 5.0 1.5 5.2 RL = 1 MW, CL = 15 pF 5.0 $ 0.5 0.5 2.0 3.9 0.5 4.1 RL = 500 W, CL = 50 pF 0.8 2.4 4.3 0.8 4.5 CAPACITIVE CHARACTERISTICS Symbol Parameter Condition Typical Unit CIN Input Capacitance VCC = 5.5 V, VI = 0 V or VCC u4 pF CPD Power Dissipation Capacitance (Note 5) 10 MHz, VCC = 3.3 V, VI = 0 V or VCC 25 pF 10 MHz, VCC = 5.5 V, VI = 0 V or VCC 30 5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC. CPD is used to determine the no−load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC. |
Similar Part No. - NL17SZ00 |
|
Similar Description - NL17SZ00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |