Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS23SC1604 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS23SC1604
Description  16-KBIT SECURED SERIAL EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS23SC1604 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS23SC1604 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS23SC1604 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS23SC1604 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS23SC1604 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS23SC1604 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS23SC1604 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS23SC1604 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS23SC1604 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS23SC1604 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
ADVANCE INFORMATION
Rev. 00E
04/10/03
IS23SC1604
ISSI®
Copyright © 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability
arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any
published information and before placing orders for products.
C1
C2
C3
C4
C5
C6
C7
C8
Vcc
RST
CLK
FUS
GND
NC
I/O
PGM
16-KBIT SECURED SERIAL EEPROM
FEATURES
• 16K serial EEPROM with security features
• Comply with ISO/IEC Standard 7816-3
Synchronous Protocol
• Store and validate security codes
• Four protected application zones
• Provide transport code security
• Single 5V power supply for read/write/erase
operations
• Low power operation:
— 15 µA (max.) standby current
— 3 mA (max.) read current at 300 KHz
— 4 mA (max.) write/erase current
• 2 ms read access time at 300 KHz;
5 ms write cycle time
• 300 KHz serial clock rate
• High ESD protection: > 4 KV
• High reliability:
— 1,000,000 erase/write cycles
— 10 years data retention
• Standard CMOS Process
• Wide operating temperature range
— 0°C to +7
0°C Commercial; –40°C to +85°C
Industrial
• Data access only after validation of security
code
• Permanent invalidation of device upon eight
consecutive failed attempts to enter the correct
security code
• Separate read/write/erase access protections
for each application zone
• Allow the memory chip to be personalized if the
internal security fuse is not blown. If the internal
security fuse is blown, maximum security protection
of the memory will always be enabled.
ADVANCE INFORMATION
APRIL 2003
DESCRIPTION
IS23SC1604 is a low-cost, low-power, highly secured
16K bits (2K x 8) serial EEPROM. It is fabricated using
ISSI’s advanced CMOS technology.
The security features of IS23SC1604 provide high levels
of memory security protection for smart card applications.
The memory is partitioned into four application zones.
Each individual application zone is protected by multiple
security codes from unauthorized read/write/erase
access to the zone. In addition, an internal security fuse
is available for the card issuer to fully personalize the
device before releasing it to customer.
The device also features an internal high-voltage charge
pump for memory programming, 1,000,000 write/erase
cycles and ten years of data retention.
Pin Configuration: 8-pin Plastic DIP


Similar Part No. - IS23SC1604

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS23SC4418 ISSI-IS23SC4418 Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
IS23SC4428-X2 ISSI-IS23SC4428-X2 Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
IS23SC4428-X2I ISSI-IS23SC4428-X2I Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
IS23SC4428-X3 ISSI-IS23SC4428-X3 Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
IS23SC4428-X3I ISSI-IS23SC4428-X3I Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
More results

Similar Description - IS23SC1604

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C16-W STMICROELECTRONICS-M24C16-W Datasheet
654Kb / 40P
   16-Kbit serial I2C bus EEPROM
Rev 11 - October 2020
M24164 STMICROELECTRONICS-M24164 Datasheet
135Kb / 21P
   16 Kbit Serial I2C BUS EEPROM
M24C16-WMN6P STMICROELECTRONICS-M24C16-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6P STMICROELECTRONICS-M24C04-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16-RBN6P STMICROELECTRONICS-M24C16-RBN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16 STMICROELECTRONICS-M24C16_10 Datasheet
510Kb / 39P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-FMC5TG STMICROELECTRONICS-M24C04-FMC5TG Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16-RMN6P STMICROELECTRONICS-M24C16-RMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com