Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EL31D Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10EL31D
Description  Evaluation Board Manual for High Frequency SOIC 8
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL31D Datasheet(HTML) 1 Page - ON Semiconductor

  MC10EL31D Datasheet HTML 1Page - ON Semiconductor MC10EL31D Datasheet HTML 2Page - ON Semiconductor MC10EL31D Datasheet HTML 3Page - ON Semiconductor MC10EL31D Datasheet HTML 4Page - ON Semiconductor MC10EL31D Datasheet HTML 5Page - ON Semiconductor MC10EL31D Datasheet HTML 6Page - ON Semiconductor MC10EL31D Datasheet HTML 7Page - ON Semiconductor MC10EL31D Datasheet HTML 8Page - ON Semiconductor MC10EL31D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2004
August, 2004 − Rev. 1
1
Publication Order Number:
ECLSOIC8EVB/D
ECLSOIC8EVB
Evaluation Board Manual
for High Frequency SOIC 8
INTRODUCTION
ON Semiconductor has developed an evaluation board for
the devices in 8−lead SOIC package. These evaluation
boards are offered as a convenience for the customers
interested in performing their own engineering assessment
on the general performance of the 8−lead SOIC device
samples. The board provides a high bandwidth 50
W
controlled impedance environment. The pictures in Figure 1
show the top and bottom view of the evaluation board, which
can be configured in several different ways, depending on
device under test (See Table 1. Configuration List).
This evaluation board manual contains:
Information on 8−lead SOIC Evaluation Board
Assembly Instructions
Appropriate Lab Setup
Bill of Materials
This manual should be used in conjunction with the device
data sheet, which contains full technical details on the device
specifications and operation.
Board Lay−Up
The 8−lead SOIC evaluation board is implemented in four
layers with split (dual) power supplies (Figure 2.
Evaluation Board Lay−up). For standard ECL lab setup and
test, a split (dual) power supply is essential to enable the
50
W internal impedance in the oscilloscope as a termination
for ECL devices. The first layer or primary trace layer is
0.008
″ thick Rogers RO4003 material, which is designed to
have equal electrical length on all signal traces from the
device under the test (DUT) to the sense output. The second
layer is the 1.0 oz copper ground plane and a portion of the
plane is the VEE power plane. The FR4 dielectric material is
placed between second and third layer and between third and
fourth layer. The third layer is also 1.0 oz copper ground
plane and a portion of this layer is VCC power plane. The
fourth layer is the secondary trace layer.
Figure 1. Top and Bottom View of the 8−lead SOIC Evaluation Board
EVALUATION BOARD MANUAL
http://onsemi.com


Similar Part No. - MC10EL31D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL31D ONSEMI-MC10EL31D Datasheet
146Kb / 9P
   5 V ECL D Flip-Flop With Set and Reset
December, 2006 ??Rev. 5
MC10EL31DG ONSEMI-MC10EL31DG Datasheet
146Kb / 9P
   5 V ECL D Flip-Flop With Set and Reset
December, 2006 ??Rev. 5
MC10EL31DG ONSEMI-MC10EL31DG Datasheet
147Kb / 8P
   5 V ECL D Flip.Flop With Set and Reset
July, 2016 ??Rev. 7
MC10EL31DR2 ONSEMI-MC10EL31DR2 Datasheet
146Kb / 9P
   5 V ECL D Flip-Flop With Set and Reset
December, 2006 ??Rev. 5
MC10EL31DR2G ONSEMI-MC10EL31DR2G Datasheet
146Kb / 9P
   5 V ECL D Flip-Flop With Set and Reset
December, 2006 ??Rev. 5
More results

Similar Description - MC10EL31D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ECLSOIC8EVB ONSEMI-ECLSOIC8EVB Datasheet
201Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
ECLLQFP32EVB ONSEMI-ECLLQFP32EVB Datasheet
238Kb / 22P
   Evaluation Board Manual for High Frequency LQFP32
April, 2003 - Rev. 1
ECLTSSOP20EVB ONSEMI-ECLTSSOP20EVB Datasheet
188Kb / 18P
   Evaluation Board Manual for High Frequency TSSOP 20
May, 2003 - Rev. 1
NB4N527SMNEVB ONSEMI-NB4N527SMNEVB Datasheet
321Kb / 8P
   Evaluation Board Manual for NB4N527S
September, 2008 ??Rev. 1
NBSG111BAEVB ONSEMI-NBSG111BAEVB Datasheet
355Kb / 12P
   Evaluation Board Manual for NBSG111
October, 2003 ??Rev. 0
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com