Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUF2060 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NUF2060
Description  Low cap. diode array for 2 Line High Speed USB protection devic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF2060 Datasheet(HTML) 2 Page - ON Semiconductor

  NUF2060 Datasheet HTML 1Page - ON Semiconductor NUF2060 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BRD8059/D
BRD8059-1 PRINTED IN USA 11/06 PRINTTIME 250
LITERATURE FULFILLMENT:
LiteratureDistributionCenterforONSemiconductor
P.O.Box5163,Denver,Colorado80217USA
Phone:303-675-2175or800-344-3860TollFreeUSA/Canada
Fax:303-675-2176or800-344-3867TollFreeUSA/Canada
Email:orderlit@onsemi.com
N. American Technical Support:800-282-9855TollFree
USA/Canada.
Europe, Middle East and Africa Technical Support:
Phone:421337902910
Japan Customer Focus Center
Phone:81-3-5773-3850
ON Semiconductor Website:www.onsemi.com
Order Literature:http://www.onsemi.com/orderlit
Foradditionalinformation,pleasecontactyourlocal
SalesRepresentative
PUBLICATION ORDERING INFORMATION
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee
regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or
incidental damages. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the
SCILLC product could create a situation where personal injury or death may occur. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
Application
ON Part Number
Description
USB Protection
NUP2301
Low cap. diode array for 2 Line High Speed USB protection device
USB Protection
NUP4201, NUP4202
4 Line + VBUS diode array
USB Protection
NUP2201, NUP2202
2 Line + VBUS diode array
USB Protection
NUP4301, NUP4304
Low cap. diode array for 4 Line High Speed USB protection device
USB Protection
SL05T1
1 Line + VBUS diode array
USB Protection
NUP1301
1 Line High Speed USB Protection Device
USB Protection
LC03-6R2
2 Line + VBUS diode array
USB Protection
SRDA05-4R2
4 Line + VBUS diode array
USB Transceiver
NCN2500
Single Channel USB Transceiver
USB Filter
NUF2060
USB OTG (On-The-Go) Filter Device
USB Filter
STF202-22
Upstream USB Filter Device
USB Filter
NUF2221
Upstream USB Filter Device
USB Filter
NUF2015
Upstream USB Filter Device
USB Filter
NUF2101
Downstream USB Filter Device
USB Filter
NUF2030
Upstream/Downstream Filter Device
USB Filter
NUF2042
Upstream/Downstream Filter Device
Line Protection, Splitter Protection
NP3100SCT3G
Thyristor Surge Protection Device (TSPD)
T1/E1 Protection
NP0640SBT3G
Thyristor Surge Protection Device (TSPD)
ADSL
NPXXXXSX3G
Thyristor Surge Protection Device (TSPD)
Customer Premise Equipment
NPXXXXSX3G
Thyristor Surge Protection Device (TSPD)
Line Protection, DSL Protection
1SMAXXCA
Avalanche TVS Diode
Cable Protection
SM05, SM12
Avalanche TVS Diode
Cable Protection
SD05, SD12
Avalanche TVS Diode
Line Interface
NCS2500
High Speed Current Feedback Op Amp
Ethernet Protection, T1/E1 Protection
NUP4201, NUP4202
4 Line + VBUS diode array
Transient Protection
NUS2045
Overvoltage Protection IC with Integrated 20 V P-Ch Power MOSFET
Transient Protection
NUS3045
Overvoltage Protection IC with Integrated 30 V P-Ch Power MOSFET
Transient Protection
NCP345
Overvoltage Protection IC
Transient Protection
NCP346
Overvoltage Protection IC
Transient Protection
MC3423
Overvoltage Crowbar Sensing Circuit
Voltage Sensing
MC33161
Universal Voltage Monitor
Hot Swap Controller
NIS510X
SMART HotPlug™ IC/Inrush Limiter
Hot Swap Controller
NIS5131
SMART HotPlug™ IC/Inrush Limiter (2Q06)
Power Good/Level Shifter
NUD3048
High Voltage FET Switch


Similar Part No. - NUF2060

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF2015W1 ONSEMI-NUF2015W1 Datasheet
140Kb / 6P
   USB Upstream Terminator with ESD Protection
March, 2006 ??Rev. 3
NUF2015W1T2 ONSEMI-NUF2015W1T2 Datasheet
140Kb / 6P
   USB Upstream Terminator with ESD Protection
March, 2006 ??Rev. 3
NUF2015W1T2G ONSEMI-NUF2015W1T2G Datasheet
140Kb / 6P
   USB Upstream Terminator with ESD Protection
March, 2006 ??Rev. 3
NUF2015W1T2G ONSEMI-NUF2015W1T2G Datasheet
1Mb / 6P
   Integrated Solutions for USB Line Protection and Termination
Rev.4, Feb-2007
NUF2030XV6 ONSEMI-NUF2030XV6 Datasheet
56Kb / 6P
   USB Upstream Terminator with ESD Protection
July, 2005 ??Rev. 2
More results

Similar Description - NUF2060

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC0532T5 LEIDITECH-LC0532T5 Datasheet
1Mb / 4P
   TVS DIODE ARRAY FOR USB LINE PROTECTION
LC0542T5 LEIDITECH-LC0542T5 Datasheet
423Kb / 4P
   TVS DIODE ARRAY FOR USB LINE PROTECTION
TPD2E001DRLR LEIDITECH-TPD2E001DRLR Datasheet
436Kb / 4P
   TVS DIODE ARRAY FOR USB LINE PROTECTION
Rev : 01.05.2021
logo
STMicroelectronics
USBULC6-2F3 STMICROELECTRONICS-USBULC6-2F3_08 Datasheet
199Kb / 9P
   2-line IPAD, ultra low capacitance protection for high speed USB
logo
ON Semiconductor
NUP4016 ONSEMI-NUP4016 Datasheet
94Kb / 3P
   Ultra-Low Capacitance Diode-TVS Array for High Speed Data Line Protection
September, 2008 ??Rev. 0
logo
STMicroelectronics
USBULC6-3F3K STMICROELECTRONICS-USBULC6-3F3K Datasheet
262Kb / 10P
   3-line low capacitance protection for high speed USB
March 2014 Rev 1
USBULC6-2F7 STMICROELECTRONICS-USBULC6-2F7 Datasheet
275Kb / 9P
   2-line Transil??ultralow capacitance protection for high speed USB
December 2013 Rev 1
logo
TECH PUBLIC Electronics...
ESDS302DBVR-TP TECHPUBLIC-ESDS302DBVR-TP Datasheet
2Mb / 4P
   2-Line ESD Protection Diode Array
logo
ON Semiconductor
ESDR0502NMUTAG ONSEMI-ESDR0502NMUTAG Datasheet
126Kb / 5P
   Ultra Low Capacitance ESD Protection Array for High Speed Data Line Protection
March, 2012 ??Rev. 4
ESDR0502N ONSEMI-ESDR0502N Datasheet
160Kb / 5P
   Ultra Low Capacitance ESD Protection Array for High Speed Data Line Protection
November, 2009 ??Rev. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com