Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXCT1008 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXCT1008
Description  AUTOMOTIVE HIGH-SIDE CURRENT MONITOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCT1008 Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXCT1008_07 Datasheet HTML 1Page - Zetex Semiconductors ZXCT1008_07 Datasheet HTML 2Page - Zetex Semiconductors ZXCT1008_07 Datasheet HTML 3Page - Zetex Semiconductors ZXCT1008_07 Datasheet HTML 4Page - Zetex Semiconductors ZXCT1008_07 Datasheet HTML 5Page - Zetex Semiconductors ZXCT1008_07 Datasheet HTML 6Page - Zetex Semiconductors ZXCT1008_07 Datasheet HTML 7Page - Zetex Semiconductors ZXCT1008_07 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ZXCT1008
ISSUE 3 - FEBRUARY 2007
6
Where Rload represents any load including DC
motors, a charging battery or further circuitry that
requires monitoring, Rsense can be selected on
specific requirements of accuracy, size and power
rating.
An additional resistor, Rlim can be added in series
with Rout (figure 1.0), to limit the current from Iout.
Any circuit connected to Vout will be protected from
input voltage transients. This can be of particular
use in automotive applications where load dump
and o ther common t ransients n eed to be
considered. The zener Z1 provides additional
protection for local dump, reverse battery and high
voltage transient incidents.
Assuming the worst case condition of Vout = 0V;
providing a low impedance to a transient, the
minimum value of Rlim is given by:-
R(min)
VV
I
lim
pk
max
pk
=
Vpk = Peak transient voltage to be withstood
Vmax = Maximum working Voltage = 20V
Ipk = Peak output current = 40mA
The maximum value of Rlim is set by Vin(min),
Vout(max) and the dropout voltage (see transfer
characteristic on page 3) of the ZXCT1009 :-
R
R
[V
V
V
(max)
V
lim
out
in
dp
out
out
(max)
(min)
(
)]
(max)
=
−+
Vin(min) = Minimum Supply Operating Voltage
Vdp = Dropout Voltage
Vout (max) = Maximum Operating Output Voltage
Figure 1.0
ZXCT1009 with additional current limiting Resistor Rlim
and zener Z1
TYPICAL AUTOMOTIVE CIRCUIT APPLICATION


Similar Part No. - ZXCT1008_07

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1008FTA ZETEX-ZXCT1008FTA Datasheet
154Kb / 8P
   AUTOMOTIVE HIGH-SIDE CURRENT MONITOR
logo
Diodes Incorporated
ZXCT1008FTA DIODES-ZXCT1008FTA Datasheet
154Kb / 9P
   AUTOMOTIVE HIGH-SIDE CURRENT MONITOR
ZXCT1008FTA DIODES-ZXCT1008FTA Datasheet
562Kb / 8P
   INCREASED AMBIENT TEMPERATURE HIGH-SIDE CURRENT MONITOR
ZXCT1008Q DIODES-ZXCT1008Q Datasheet
774Kb / 9P
   AUTOMOTIVE GRADE 20V HIGH-SIDE CURRENT MONITOR
ZXCT1008QFTA DIODES-ZXCT1008QFTA Datasheet
774Kb / 9P
   AUTOMOTIVE GRADE 20V HIGH-SIDE CURRENT MONITOR
More results

Similar Description - ZXCT1008_07

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCT1008 DIODES-ZXCT1008 Datasheet
154Kb / 9P
   AUTOMOTIVE HIGH-SIDE CURRENT MONITOR
logo
Zetex Semiconductors
ZXCT1008 ZETEX-ZXCT1008 Datasheet
154Kb / 8P
   AUTOMOTIVE HIGH-SIDE CURRENT MONITOR
logo
Diodes Incorporated
ZXCT1008Q DIODES-ZXCT1008Q Datasheet
774Kb / 9P
   AUTOMOTIVE GRADE 20V HIGH-SIDE CURRENT MONITOR
ZXCT1080Q DIODES-ZXCT1080Q Datasheet
401Kb / 11P
   AUTOMOTIVE GRADE 60/40V HIGH-SIDE CURRENT MONITOR
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
   HIGH-SIDE CURRENT MONITOR
logo
Unisonic Technologies
UCM102 UTC-UCM102 Datasheet
134Kb / 4P
   HIGH-SIDE CURRENT MONITOR
UCM102 UTC-UCM102_15 Datasheet
134Kb / 4P
   HIGH-SIDE CURRENT MONITOR
logo
IXYS Corporation
IXI848A IXYS-IXI848A Datasheet
235Kb / 5P
   High-Side Current Monitor
logo
Supertex, Inc
HV7801 SUTEX-HV7801 Datasheet
504Kb / 5P
   High Side Current Monitor
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009 Datasheet
216Kb / 8P
   HIGH-SIDE CURRENT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com