Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCK2002 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCK2002
Description  0-300 MHz I2C 1:18 clock buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2002 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCK2002 Datasheet HTML 3Page - NXP Semiconductors PCK2002 Datasheet HTML 4Page - NXP Semiconductors PCK2002 Datasheet HTML 5Page - NXP Semiconductors PCK2002 Datasheet HTML 6Page - NXP Semiconductors PCK2002 Datasheet HTML 7Page - NXP Semiconductors PCK2002 Datasheet HTML 8Page - NXP Semiconductors PCK2002 Datasheet HTML 9Page - NXP Semiconductors PCK2002 Datasheet HTML 10Page - NXP Semiconductors PCK2002 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product data
PCK2002
0–300 MHz I2C 1:18 clock buffer
2001 Jul 19
7
SERIAL CONFIGURATION MAP
The serial bits will be read by the clock buffer in the following order:
Byte 0 – Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte 1 – Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte 2 – Bits 7, 6, 5, 4, 3, 2, 1, 0
All unused register bits (Reserved and N/A) should be desined as “Don’t Care”. It is expected that the controller will force all of these bits to a
“0” level.
All register bits labeled “Initialize to 0” must be written to zero during intialization. Failure to do so may result in a higher than normal operating
current. The controller will read back the last written value.
Byte 0:
SDRAM Output active/inactive register
1 = enable; 0 = disable
BIT(S)
AFFECTED PIN
CONTROL FUNCTION
BIT CONTROL
BIT(S)
PIN NO.
PIN NAME
CONTROL FUNCTION
0
1
7
18
BUF_OUT7
Clock Output Disable
Low
Active
6
17
BUF_OUT6
Clock Output Disable
Low
Active
5
14
BUF_OUT5
Clock Output Disable
Low
Active
4
13
BUF_OUT4
Clock Output Disable
Low
Active
3
9
BUF_OUT3
Clock Output Disable
Low
Active
2
8
BUF_OUT2
Clock Output Disable
Low
Active
1
5
BUF_OUT1
Clock Output Disable
Low
Active
0
4
BUF_OUT0
Clock Output Disable
Low
Active
NOTE:
1. At power up all SDRAM outputs are enabled and active. Program all reserved bits to “0”.
Byte 1:
SDRAM Output active/inactive register
1 = enable; 0 = disable
BIT(S)
AFFECTED PIN
CONTROL FUNCTION
BIT CONTROL
BIT(S)
PIN NO.
PIN NAME
CONTROL FUNCTION
0
1
7
45
BUF_OUT15
Clock Output Disable
Low
Active
6
44
BUF_OUT14
Clock Output Disable
Low
Active
5
41
BUF_OUT13
Clock Output Disable
Low
Active
4
40
BUF_OUT12
Clock Output Disable
Low
Active
3
36
BUF_OUT11
Clock Output Disable
Low
Active
2
35
BUF_OUT10
Clock Output Disable
Low
Active
1
32
BUF_OUT9
Clock Output Disable
Low
Active
0
31
BUF_OUT8
Clock Output Disable
Low
Active
NOTE:
1. At power up all SDRAM outputs are enabled and active. Program all reserved bits to “0”.


Similar Part No. - PCK2002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2002M PHILIPS-PCK2002M Datasheet
92Kb / 12P
   0-300 MHz I2C 1:10 clock buffer
2001 Jul 19
PCK2002MDB PHILIPS-PCK2002MDB Datasheet
92Kb / 12P
   0-300 MHz I2C 1:10 clock buffer
2001 Jul 19
PCK2002MPW PHILIPS-PCK2002MPW Datasheet
92Kb / 12P
   0-300 MHz I2C 1:10 clock buffer
2001 Jul 19
PCK2002P PHILIPS-PCK2002P Datasheet
74Kb / 8P
   140 MHz PCI-X clock buffer
2001 May 09
PCK2002PD PHILIPS-PCK2002PD Datasheet
74Kb / 8P
   140 MHz PCI-X clock buffer
2001 May 09
More results

Similar Description - PCK2002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2002M PHILIPS-PCK2002M Datasheet
92Kb / 12P
   0-300 MHz I2C 1:10 clock buffer
2001 Jul 19
PCK2001 PHILIPS-PCK2001 Datasheet
80Kb / 13P
   14.318-150 MHz I2C 1:18 Clock Buffer
1999 Jul 06
PCK2001M PHILIPS-PCK2001M Datasheet
79Kb / 13P
   14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
PCK2001R PHILIPS-PCK2001R Datasheet
76Kb / 12P
   14.318 . 133 MHz I2C 1:6 clock buffer
2000 Jul 25
logo
Pericom Semiconductor C...
PI6C180B PERICOM-PI6C180B Datasheet
573Kb / 7P
   Precision 1-18 Clock Buffer
logo
Cypress Semiconductor
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
   2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940_06 Datasheet
256Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940 Datasheet
189Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29943 CYPRESS-CY29943 Datasheet
188Kb / 7P
   2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer
CY29942 CYPRESS-CY29942 Datasheet
184Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com