Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXBM2001 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXBM2001
Description  VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXBM2001 Datasheet(HTML) 6 Page - Zetex Semiconductors

Back Button ZXBM2001_04 Datasheet HTML 2Page - Zetex Semiconductors ZXBM2001_04 Datasheet HTML 3Page - Zetex Semiconductors ZXBM2001_04 Datasheet HTML 4Page - Zetex Semiconductors ZXBM2001_04 Datasheet HTML 5Page - Zetex Semiconductors ZXBM2001_04 Datasheet HTML 6Page - Zetex Semiconductors ZXBM2001_04 Datasheet HTML 7Page - Zetex Semiconductors ZXBM2001_04 Datasheet HTML 8Page - Zetex Semiconductors ZXBM2001_04 Datasheet HTML 9Page - Zetex Semiconductors ZXBM2001_04 Datasheet HTML 10Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Locked Rotor timing capacitor (CONT).
As these threshold voltages are nominally set to
VTHH=2V and VTHL=1V the equations can be simplified
as follows:
T
C
I
LCK
LCKC
lock
=
×
2
T=
C
I
on
LCK
LCKC
T
C
I
LCK
LCKD
off
=
8. CPWM
- Sets PWM frequency
- external PWM input
This pin has an external capacitor attached to set the
PWM frequency for the Phase drive outputs. A
capacitor value of 0.15nF will provide a PWM
frequency of typically 24kHz.
The CLCK timing period (Tpwm) is determined by the
following equation:
T=
(V
- V
)
C
I
(V
V
)
C
I
lock
THH
THL
PWMC
THH
THL
PWMD
×
+
−×
Where TPWM is in s
C = CPWM +15 in pF
IPWM &IPWMD are in A
Where VTHH and VTHL are the CPWM pin threshold
voltages and IPWMC and IPWMD are the charge and
discharge currents.
As these threshold voltages are nominally set to
VTHH=2V and VTHL=1V the equations can be simplified
as follows:
T
C
I
C
I
PWM
PWMC
PWMD
=+
The CPWM pin can also be used as in input for an
externally derived PWM signal to control the motor
speed. The signal should have a VOL <1V and a VOH
>2V. A standard TTL or CMOS digital signal is ideal.
When driving from an external PWM source no
capacitor should be attached to the CPWM pin and the
SPD pin should be left open circuit.
9. PH2
- External transistor driver
10. PH1
- External transistor driver
These are the Phase drive outputs and are open
darlington emitter followers designed to provide up to
80mA of drive to external transistors as shown in the
Application circuits following. The external transistors
in turn drive the fan motor windings.
ZXBM2001
ZXBM2002 ZXBM2003
SEMICO NDUC TORS
ISSUE 4 - OCTOBER 2004
6


Similar Part No. - ZXBM2001_04

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM2001X10TA ZETEX-ZXBM2001X10TA Datasheet
269Kb / 8P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
ZXBM2001X10TC ZETEX-ZXBM2001X10TC Datasheet
269Kb / 8P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
More results

Similar Description - ZXBM2001_04

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001 Datasheet
269Kb / 8P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2001 DIODES-ZXBM2001 Datasheet
234Kb / 10P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM200X ZETEX-ZXBM200X Datasheet
523Kb / 14P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
List of Unclassifed Man...
AMC8500 ETC2-AMC8500 Datasheet
715Kb / 27P
   TWO PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
AMC8510 ETC2-AMC8510 Datasheet
306Kb / 3P
   SINGLE PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2004 DIODES-ZXBM2004 Datasheet
224Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM2004 ZETEX-ZXBM2004 Datasheet
249Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
ZXBM1016 ZETEX-ZXBM1016 Datasheet
252Kb / 12P
   High efficiency variable speed single-phase fan motor controller
logo
Diodes Incorporated
ZXBM1016 DIODES-ZXBM1016 Datasheet
266Kb / 12P
   High efficiency variable speed single-phase fan motor controller
logo
List of Unclassifed Man...
AMC8520 ETC2-AMC8520 Datasheet
92Kb / 2P
   SINGLE PHASE VARIABLE SPEED ADVANCED FAN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com