Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXBM1016ST20TA Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXBM1016ST20TA
Description  High efficiency variable speed single-phase fan motor controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXBM1016ST20TA Datasheet(HTML) 7 Page - Zetex Semiconductors

Back Button ZXBM1016ST20TA Datasheet HTML 3Page - Zetex Semiconductors ZXBM1016ST20TA Datasheet HTML 4Page - Zetex Semiconductors ZXBM1016ST20TA Datasheet HTML 5Page - Zetex Semiconductors ZXBM1016ST20TA Datasheet HTML 6Page - Zetex Semiconductors ZXBM1016ST20TA Datasheet HTML 7Page - Zetex Semiconductors ZXBM1016ST20TA Datasheet HTML 8Page - Zetex Semiconductors ZXBM1016ST20TA Datasheet HTML 9Page - Zetex Semiconductors ZXBM1016ST20TA Datasheet HTML 10Page - Zetex Semiconductors ZXBM1016ST20TA Datasheet HTML 11Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ZXBM1016
Issue 1 - February 2007
7
www.zetex.com
© Zetex Semiconductors plc 2007
SPD - Speed control input
The voltage applied to the SPD pin provides control over the fan motor speed by varying the Pulse
Width Modulated (PWM) drive ratio at the Ph1Lo and Ph2Lo outputs. The input voltage range for
the control signal is 3V to 1V, representing 0% to 100% drive respectively.
If variable speed control is not required this pin can be left with an external potential divider to
set a fixed speed or tied through a 10k
resistor to ground to provide full speed i.e. 100% PWM
drive.
The advantage of a fixed potential divider is that the benefit of the current limit and tail-end
current control can be achieved. Neither function will operate with the pin tied directly to ground.
If full speed with current limit and tail-end current control is required then connect the SPD pin
ground through a 10k
resistor with a 0.1 F capacitor in parallel. This capacitor is used for the
tail-end current control shaping.
If required this pin can also be used as an enable pin. The application of a voltage >3.0V will force
the PWM drive fully off, in effect disabling the drive.
SMIN - Minimum speed threshold voltage
A voltage can be set on this pin using a potential divider between the ThRef and Gnd. This voltage
is monitored by the SPD pin such that the SPD voltage cannot rise above the SMIN voltage. As a
higher voltage on the SPD pin represents a lower speed it therefore restricts the lower speed
range of the motor. If this feature is not required the pin is left tied to ThRef so no minimum speed
will be set.
If the fan is being controlled from an external voltage source and the minimum speed feature is
required then a 10k
resistor should be placed in series with the external control voltage and the
SPD pin.
CLCK - Locked rotor and run mode timing capacitor
The CLCK pin will have a capacitor connected to ground. It is a dual function pin providing timing
whilst running and when in the lock condition.
When a motor is running under normal conditions this pin provides a triangular waveform related
to the speed of the motor. This waveform is used by the tail-end current control circuit to
determine the end of the commutation cycle.
If the fan stops rotating for any reason then this pin takes on the conventional operation of a
Locked Rotor monitor. In this condition and after the motor has stopped, a predetermined time
(TOFF) will elapse during which the motor will not be driven. After this delay the circuitry uses a
defined period (TON) to attempt to re-enable the output drive by going through a start-up routine
in an attempt to re-start the fan. This cycle of (TOFF) and (TON) will be repeated indefinitely or until
the fan re-starts.
The cycle of (TOFF) and (TON) is also used to start the fan from power-up and so this pin forms a
start-up function in conjunction with the current monitor circuit described towards the end of this
section.
The time period of (TOFF) and (TON) is determined by the value of capacitor applied to the CLCK
pin. Any selection of the value will need consideration when in the run and lock modes. Typically
a 0.47 F will provide for most applications.


Similar Part No. - ZXBM1016ST20TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXBM1016 DIODES-ZXBM1016 Datasheet
266Kb / 12P
   High efficiency variable speed single-phase fan motor controller
More results

Similar Description - ZXBM1016ST20TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXBM1016 DIODES-ZXBM1016 Datasheet
266Kb / 12P
   High efficiency variable speed single-phase fan motor controller
logo
List of Unclassifed Man...
AMC8510 ETC2-AMC8510 Datasheet
306Kb / 3P
   SINGLE PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001 Datasheet
269Kb / 8P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
ZXBM2001 ZETEX-ZXBM2001_04 Datasheet
258Kb / 10P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2001 DIODES-ZXBM2001 Datasheet
234Kb / 10P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
List of Unclassifed Man...
AMC8500 ETC2-AMC8500 Datasheet
715Kb / 27P
   TWO PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM200X ZETEX-ZXBM200X Datasheet
523Kb / 14P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
List of Unclassifed Man...
AMC8520 ETC2-AMC8520 Datasheet
92Kb / 2P
   SINGLE PHASE VARIABLE SPEED ADVANCED FAN CONTROLLER
logo
Zetex Semiconductors
ZXBM1004 ZETEX-ZXBM1004 Datasheet
265Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
ZXBM1017 ZETEX-ZXBM1017 Datasheet
157Kb / 12P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com