Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXBM1004 Datasheet(PDF) 10 Page - Zetex Semiconductors

Part # ZXBM1004
Description  VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXBM1004 Datasheet(HTML) 10 Page - Zetex Semiconductors

Back Button ZXBM1004 Datasheet HTML 4Page - Zetex Semiconductors ZXBM1004 Datasheet HTML 5Page - Zetex Semiconductors ZXBM1004 Datasheet HTML 6Page - Zetex Semiconductors ZXBM1004 Datasheet HTML 7Page - Zetex Semiconductors ZXBM1004 Datasheet HTML 8Page - Zetex Semiconductors ZXBM1004 Datasheet HTML 9Page - Zetex Semiconductors ZXBM1004 Datasheet HTML 10Page - Zetex Semiconductors ZXBM1004 Datasheet HTML 11Page - Zetex Semiconductors ZXBM1004 Datasheet HTML 12Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Drive transisitors
Zetex offers a range of devices that are ideally suited to
interface between the ZXBM1004 controller and the
motor. The following tables show a selection of
products ranging from single packaged H-bridge
devices to individual power components that can be
used in this application. If your needs are not covered
by this selection then please refer to the the more
comprehensive listings that can be found on the Zetex
website: www.zetex.com
ZXBM1004
SEMICO NDUC TORS
ISSUE 6 - MAY 2007
10
Description
Part Number
Content
BV
DSS
V
I
D
A
I
DM
A
R
DS(on) @ VGS=10V
max. m
Package
MOSFET
H-Bridge
ZXMHC6A07T8
2 x N
2 x P
60
-60
1.8
-1.5
8.7
-7.5
300
425
SM-8
ZXMHC3A01T8
2 x N
2 x P
30
-30
3.1
-2.3
14.5
-10.8
120
210
SM-8
N+ P
channel
MOSFET
ZXMC4559DN8
N
P
60
-60
4.7
-3.5
22
-18
55
105
SO8
ZXMC3A16DN8
N
P
30
-30
6.4
-5.4
30
-25
35
48
SO8
Low side
switch
MOSFET
ZXMN10A09K
ZXMN6A09K
ZXMN3A04K
N
N
N
100
60
30
7.7
11.2
18.4
27
40
66
85
45
20
DPAK
Description Part Number
Content
BV
CEO
V
I
C
A
I
CM
A
V
CE(sat) at IC=2A
max. mV
Package
High side
switch
Bipolar
ZXT953K
ZXT951K
ZXT790AK
PNP
PNP
PNP
-100
-60
-40
-5
-6
-3
-10
-15
-6
-175
-165
-450
DPAK


Similar Part No. - ZXBM1004

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM1004 ZETEX-ZXBM1004 Datasheet
265Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM1004 DIODES-ZXBM1004 Datasheet
340Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM1004Q16TA ZETEX-ZXBM1004Q16TA Datasheet
265Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM1004Q16TA DIODES-ZXBM1004Q16TA Datasheet
340Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM1004Q16TC ZETEX-ZXBM1004Q16TC Datasheet
265Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
More results

Similar Description - ZXBM1004

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM1015 ZETEX-ZXBM1015_07 Datasheet
104Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
ZXBM1004 ZETEX-ZXBM1004 Datasheet
265Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
ZXBM1017 ZETEX-ZXBM1017 Datasheet
157Kb / 12P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM1017 DIODES-ZXBM1017 Datasheet
150Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
ZXBM1004 DIODES-ZXBM1004 Datasheet
340Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM1017 ZETEX-ZXBM1017_07 Datasheet
130Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM1015 DIODES-ZXBM1015 Datasheet
124Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM1015 ZETEX-ZXBM1015 Datasheet
130Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2004 DIODES-ZXBM2004 Datasheet
224Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM2004 ZETEX-ZXBM2004 Datasheet
249Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com