Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMD63N03X Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXMD63N03X
Description  DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMD63N03X Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXMD63N03X Datasheet HTML 1Page - Zetex Semiconductors ZXMD63N03X Datasheet HTML 2Page - Zetex Semiconductors ZXMD63N03X Datasheet HTML 3Page - Zetex Semiconductors ZXMD63N03X Datasheet HTML 4Page - Zetex Semiconductors ZXMD63N03X Datasheet HTML 5Page - Zetex Semiconductors ZXMD63N03X Datasheet HTML 6Page - Zetex Semiconductors ZXMD63N03X Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMD63N03X
SEMICO NDUC TORS
ISSUE 1 - OCTOBER 2005
2
THERMAL RESISTANCE
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)(d)
RθJA
143
°C/W
Junction to Ambient (b)(d)
RθJA
100
°C/W
Junction to Ambient (a)(e)
RθJA
120
°C/W
NOTES:
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 10 secs.
(c) Repetitive rating - pulse width limited by maximum junction temperature. Refer to Transient Thermal Impedance graph.
(d) For device with one active die.
(e) For device with two active die running at equal power.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDSS
30
V
Gate- Source Voltage
VGS
±20
V
Continuous Drain Current
(VGS=4.5V; TA=25°C)(b)(d)
(VGS=4.5V; TA=70°C)(b)(d)
ID
2.3
1.8
A
Pulsed Drain Current (c)(d)
IDM
14
A
Continuous Source Current (Body Diode)(b)(d)
IS
1.5
A
Pulsed Source Current (Body Diode)(c)(d)
ISM
14
A
Power Dissipation at TA=25°C (a)(d)
Linear Derating Factor
PD
0.87
6.9
W
mW/°C
Power Dissipation at TA=25°C (a)(e)
Linear Derating Factor
PD
1.04
8.3
W
mW/°C
Power Dissipation at TA=25°C (b)(d)
Linear Derating Factor
PD
1.25
10
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C


Similar Part No. - ZXMD63N03X

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMD63N03X ZETEX-ZXMD63N03X Datasheet
194Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63N03X DIODES-ZXMD63N03X Datasheet
338Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63N03XTA ZETEX-ZXMD63N03XTA Datasheet
194Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD63N03XTC ZETEX-ZXMD63N03XTC Datasheet
194Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63N03X DIODES-ZXMD63N03X_15 Datasheet
300Kb / 8P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMD63N03X

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN3AM832 DIODES-ZXMN3AM832 Datasheet
194Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A06DN8 DIODES-ZXMN3A06DN8 Datasheet
192Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A04DN8 DIODES-ZXMN3A04DN8 Datasheet
194Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN3A04DN8 ZETEX-ZXMN3A04DN8 Datasheet
56Kb / 4P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN3015LSD DIODES-DMN3015LSD_15 Datasheet
291Kb / 6P
   30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3035LWN DIODES-DMN3035LWN_15 Datasheet
596Kb / 7P
   30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3135LVT DIODES-DMN3135LVT_15 Datasheet
190Kb / 6P
   30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9804 PANJIT-PJL9804 Datasheet
351Kb / 6P
   30V Dual N-Channel Enhancement Mode MOSFET
March 25,2017-REV.01
PJL9808 PANJIT-PJL9808 Datasheet
351Kb / 6P
   30V Dual N-Channel Enhancement Mode MOSFET
March 31,2017-REV.01
logo
Zetex Semiconductors
ZXMD63N03X ZETEX-ZXMD63N03X Datasheet
194Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN3A06DN8 DIODES-ZXMN3A06DN8_15 Datasheet
192Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com