Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMC3A17DN8TA Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXMC3A17DN8TA
Description  COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMC3A17DN8TA Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXMC3A17DN8TA Datasheet HTML 1Page - Zetex Semiconductors ZXMC3A17DN8TA Datasheet HTML 2Page - Zetex Semiconductors ZXMC3A17DN8TA Datasheet HTML 3Page - Zetex Semiconductors ZXMC3A17DN8TA Datasheet HTML 4Page - Zetex Semiconductors ZXMC3A17DN8TA Datasheet HTML 5Page - Zetex Semiconductors ZXMC3A17DN8TA Datasheet HTML 6Page - Zetex Semiconductors ZXMC3A17DN8TA Datasheet HTML 7Page - Zetex Semiconductors ZXMC3A17DN8TA Datasheet HTML 8Page - Zetex Semiconductors ZXMC3A17DN8TA Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ZXMC3A17DN8
SEMICO NDUC TORS
ISSUE 1 - OCTOBER 2005
ADVANCE INFORMATION
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
STATIC
Drain-Source Breakdown
Voltage
V(BR)DSS
30
V
ID=250 A, VGS=0V
Zero Gate Voltage Drain
Current
IDSS
0.5
AVDS=30V, VGS=0V
Gate-Body Leakage
IGSS
100
nA
VGS=±20V, VDS=0V
Gate-Source Threshold
Voltage
VGS(th)
1.0
V
ID=250 A, VDS=VGS
Static Drain-Source On-State
Resistance
(1)
RDS(on)
0.050
0.065
VGS= 10V, ID=7.8A
VGS=4.5V, ID=6.8A
Forward
Transconductance
(1) (3)
gfs
10
S
VDS= 10V, ID=7.8A
DYNAMIC
(3)
Input Capacitance
Ciss
600
pF
VDS= 25V, VGS=0V
f=1MHz
Output Capacitance
Coss
104
pF
Reverse Transfer Capacitance
Crss
58.5
pF
SWITCHING
(2) (3)
Turn-On-Delay Time
td(on)
2.9
ns
VDD=15V,ID=3.5A
RG ≅ 6.0 ,
VGS =10V
Rise Time
tr
6.4
ns
Turn-Off Delay Time
td(off)
16
ns
Fall Time
tf
11.2
ns
Gate Charge
Qg
6.9
nC
VDS= 15V, VGS=5V
ID=3.5A
Total Gate Charge
Qg
12.2
nC
VDS= 15V, VGS=10V
ID=3.5A
Gate-Source Charge
Qgs
1.7
nC
Gate-Drain Charge
Qgd
2.4
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage
(1)
VSD
0.85
0.95
V
Tj=25°C, IS=3.2A,
VGS=0V
Reverse Recovery Time
(3)
trr
18.8
ns
Tj=25°C, IF=3.5A,
di/dt=100A/ s
Reverse Recovery Charge
(3)
Qrr
14.1
nC
N-CHANNEL
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
(1)
Measured under pulsed conditions. Pulse width
300ms; Duty cycle
2%.
(2)
Switching characteristics are independent of operating junction temperature.
(3)
For design aid only, not subject to production testing.


Similar Part No. - ZXMC3A17DN8TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC3A17DN8TA ZETEX-ZXMC3A17DN8TA Datasheet
276Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC3A17DN8TA DIODES-ZXMC3A17DN8TA Datasheet
286Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMC3A17DN8TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMC3AM832 DIODES-ZXMC3AM832 Datasheet
270Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJQ4606 PANJIT-PJQ4606 Datasheet
1Mb / 9P
   30V Complementary Enhancement Mode MOSFET
October 31,2017-REV.00
PJL9602 PANJIT-PJL9602 Datasheet
566Kb / 9P
   30V Complementary Enhancement Mode MOSFET
Feb 16,2017-REV.00P
logo
Zetex Semiconductors
ZXMC3A16DN8 ZETEX-ZXMC3A16DN8_05 Datasheet
311Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC3A18DN8 DIODES-ZXMC3A18DN8 Datasheet
692Kb / 12P
   Complementary 30V enhancement mode MOSFET
logo
Pan Jit International I...
PJQ4602 PANJIT-PJQ4602 Datasheet
855Kb / 9P
   30V Complementary Enhancement Mode MOSFET
July 18,2019-REV.00
logo
Zetex Semiconductors
ZXMC3A17DN8 ZETEX-ZXMC3A17DN8 Datasheet
276Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC3025LSD DIODES-DMC3025LSD Datasheet
350Kb / 10P
   30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
DMC3025LSD DIODES-DMC3025LSD_15 Datasheet
350Kb / 10P
   30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
ZXMC3A18DN8 DIODES-ZXMC3A18DN8_15 Datasheet
692Kb / 12P
   Complementary 30V enhancement mode MOSFET
ZXMC3A17DN8 DIODES-ZXMC3A17DN8 Datasheet
286Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com