Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSS463B Datasheet(PDF) 9 Page - ATMEL Corporation

Part # TSS463B
Description  Serial VAN Data Link Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button TSS463B_03 Datasheet HTML 5Page - ATMEL Corporation TSS463B_03 Datasheet HTML 6Page - ATMEL Corporation TSS463B_03 Datasheet HTML 7Page - ATMEL Corporation TSS463B_03 Datasheet HTML 8Page - ATMEL Corporation TSS463B_03 Datasheet HTML 9Page - ATMEL Corporation TSS463B_03 Datasheet HTML 10Page - ATMEL Corporation TSS463B_03 Datasheet HTML 11Page - ATMEL Corporation TSS463B_03 Datasheet HTML 12Page - ATMEL Corporation TSS463B_03 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TSS463B PPAP
9
Rev. 3 : Initial Submission – 2003 October
2.2.3 Package Technology Information
Package weight
0.43 g
Chip separation method
Sawing
Lead frame
Material
Cu
Thickness
10 mils
Size
270*270 mils
2
Lead plating
Electroplated Sn/Pb 85/15
Die attach
Material
Silver epoxy
Type
Ablestick 84-1 LMISR4
Wire bonding
Material
Au
Diameter
1.0 mil
Method
Thermosonic
Molding
Material
NITTO MP8000AN
Flammability rating
UL94V-0
Marking
Method
Printed ink (top) and Laser (back)
Drawing example
Atmel
TSS463B-TERA
YYMM
Zxxxxxxx
Bonding Diagram


Similar Part No. - TSS463B_03

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSS463B ATMEL-TSS463B_04 Datasheet
954Kb / 59P
   VAN Data Link Controller with Serial Interface
More results

Similar Description - TSS463B_03

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSS461F ATMEL-TSS461F Datasheet
606Kb / 57P
   VAN Data Link Controller
TSS463C ATMEL-TSS463C Datasheet
701Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463B ATMEL-TSS463B_04 Datasheet
954Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
   VAN Data Link Controller
TSS461C ATMEL-TSS461C_04 Datasheet
633Kb / 57P
   VAN Data Link Controller
TSS463B ATMEL-TSS463B Datasheet
512Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463-AA ATMEL-TSS463-AA_04 Datasheet
1Mb / 60P
   VAN Data Link Controller with Serial Interface
TSS461E ATMEL-TSS461E_06 Datasheet
606Kb / 57P
   VAN Data Link Controller
logo
TEMIC Semiconductors
TSS463 TEMIC-TSS463 Datasheet
217Kb / 24P
   Van Controller Serial Interface
TSS461 TEMIC-TSS461 Datasheet
215Kb / 24P
   Van Controller Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com