Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS87C51U2 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # TS87C51U2
Description  Double UART 8-bit CMOS Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS87C51U2 Datasheet(HTML) 5 Page - ATMEL Corporation

  TS87C51U2 Datasheet HTML 1Page - ATMEL Corporation TS87C51U2 Datasheet HTML 2Page - ATMEL Corporation TS87C51U2 Datasheet HTML 3Page - ATMEL Corporation TS87C51U2 Datasheet HTML 4Page - ATMEL Corporation TS87C51U2 Datasheet HTML 5Page - ATMEL Corporation TS87C51U2 Datasheet HTML 6Page - ATMEL Corporation TS87C51U2 Datasheet HTML 7Page - ATMEL Corporation TS87C51U2 Datasheet HTML 8Page - ATMEL Corporation TS87C51U2 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
Rev. D - 15 January, 2001
5
TS80C51U2
TS83C51U2
TS87C51U2
6. Pin Configuration
s
5
4
3
2
1
6
44 43 42 41 40
P0.4/AD4
P0.6/AD6
P0.5/AD5
P0.7/AD7
ALE/PROG
PSEN
EA/VPP
TxD_1
P2.7/A15
P2.5/A13
P2.6/A14
43 42 41 40 39
44
38 37 36 35 34
P0.4/AD4
P0.6/AD6
P0.5/AD5
P0.7/AD7
ALE/PROG
PSEN
EA/VPP
TxD_1
P2.7/A15
P2.5/A13
P2.6/A14
P1.5
P1.6/RxD_1
P1.7/TxD_1
RST
P3.0/RxD_0
RxD_1
P3.1/TxD_0
P3.2/INT0
P3.3/INT1
P3.4/T0
P3.5/T1
P1.5
P1.6/RxD_1
P1.7/TxD_1
RST
P3.0/RxD_0
RxD_1
P3.1/TxD_0
P3.2/INT0
P3.3/INT1
P3.4/T0
P3.5/T1
*NIC: No Internal Connection
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
PLCC/CQPJ 44
33
32
31
30
29
28
27
26
25
24
23
VQFP44 1.4
1
2
3
4
5
6
7
8
9
10
11
18 19 20 21 22 23 24 25 26 27 28
12 13 14 15 16 17 18 19 20 21 22
P1.7/TxD_1
RST
P3.0/RxD_0
P3.1/TxD_0
P1.3/TxD_1
1
P1.5
P3.2/INT0
P3.3/INT1
P3.5/T1
P3.6/WR
P3.7/RD
XTAL2
XTAL1
VSS
P2.0 / A8
P2.1 / A9
P2.2 / A10
P2.3 / A11
P2.4 / A12
P0.4 / A4
P0.6 / A6
P0.5 / A5
P0.7 / A7
ALE/PROG
PSEN
EA/VPP
P2.7 / A15
P2.5 / A13
P2.6 / A14
P1.0 / T2
P1.1 / T2EX
VCC
P0.0 / A0
P0.1 / A1
P0.2 / A2
P0.3 / A3
PDIL/
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
CDIL40
P1.6/RxD_1
P1.4
P1.2/RxD_1
P3.4/T0
See “Alternate function on Port 1” on page 32 for accurate RxD_1 and TxD_1 pin location, depending on AUXR
register configuration.


Similar Part No. - TS87C51U2

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS87C51U2 TEMIC-TS87C51U2 Datasheet
316Kb / 67P
   Double UART 8-bit CMOS Microcontroller, 0-60 MHz
More results

Similar Description - TS87C51U2

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS80C51U2 TEMIC-TS80C51U2 Datasheet
316Kb / 67P
   Double UART 8-bit CMOS Microcontroller, 0-60 MHz
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com