Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS87C51U2 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # TS87C51U2
Description  Double UART 8-bit CMOS Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS87C51U2 Datasheet(HTML) 4 Page - ATMEL Corporation

  TS87C51U2 Datasheet HTML 1Page - ATMEL Corporation TS87C51U2 Datasheet HTML 2Page - ATMEL Corporation TS87C51U2 Datasheet HTML 3Page - ATMEL Corporation TS87C51U2 Datasheet HTML 4Page - ATMEL Corporation TS87C51U2 Datasheet HTML 5Page - ATMEL Corporation TS87C51U2 Datasheet HTML 6Page - ATMEL Corporation TS87C51U2 Datasheet HTML 7Page - ATMEL Corporation TS87C51U2 Datasheet HTML 8Page - ATMEL Corporation TS87C51U2 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
4
Rev. D - 15 January, 2001
TS80C51U2
TS83C51U2
TS87C51U2
5. SFR Mapping
The Special Function Registers (SFRs) of the TS80C51U2 fall into the following categories:
• C51 core registers: ACC, B, DPH, DPL, PSW, SP, AUXR1
• I/O port registers: P0, P1, P2, P3
• Timer registers: T2CON, T2MOD, TCON, TH0, TH1, TH2, TMOD, TL0, TL1, TL2, RCAP2L, RCAP2H
• Serial I/O port registers for UART_0: SADDR_0, SADEN_0, SBUF_0, SCON_0
• Serial I/O port registers for UART_1: SADDR_1, SADEN_1, SBUF_1, SCON_1
• Baud Rate Generator registers: BRL, BDRCON, BDRCON_1
• Power and clock control registers: PCON
• HDW Watchdog Timer Reset: WDTRST, WDTPRG
• Interrupt system registers: IE, IP, IPH
• Others: AUXR, CKCON
Table 2. All SFRs with their address and their reset value
Bit
address-
able
Non Bit addressable
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
F8h
FFh
F0h
B
0000 0000
F7h
E8h
EFh
E0h
ACC
0000 0000
E7h
D8h
DFh
D0h
PSW
0000 0000
D7h
C8h
T2CON
0000 0000
T2MOD
XXXX XX00
RCAP2L
0000 0000
RCAP2H
0000 0000
TL2
0000 0000
TH2
0000 0000
CFh
C0h
SCON_1
0000 0000
SBUF_1
XXXX XXXX
C7h
B8h
IP
X000 0000
SADEN_0
0000 0000
SADEN_1
0000 0000
BFh
B0h
P3
1111 1111
IPH
X000 0000
B7h
A8h
IE
0X00 0000
SADDR_0
0000 0000
SADDR_1
0000 0000
AFh
A0h
P2
1111 1111
AUXR1
XXXX XXX0
WDTRST
XXXX XXXX
WDTPRG
XXXX X000
A7h
98h
SCON_0
0000 0000
SBUF_0
XXXX XXXX
BRL
0000 0000
BDRCON
0XXX 0000
BDRCON_1
0X00 00XX
9Fh
90h
P1
1111 1111
97h
88h
TCON
0000 0000
TMOD
0000 0000
TL0
0000 0000
TL1
0000 0000
TH0
0000 0000
TH1
0000 0000
AUXR
00XX XXX0
CKCON
XXXX XXX0
8Fh
80h
P0
1111 1111
SP
0000 0111
DPL
0000 0000
DPH
0000 0000
PCON
00X1 0000
87h
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
reserved


Similar Part No. - TS87C51U2

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS87C51U2 TEMIC-TS87C51U2 Datasheet
316Kb / 67P
   Double UART 8-bit CMOS Microcontroller, 0-60 MHz
More results

Similar Description - TS87C51U2

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS80C51U2 TEMIC-TS80C51U2 Datasheet
316Kb / 67P
   Double UART 8-bit CMOS Microcontroller, 0-60 MHz
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com