Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXM64P02XTA Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXM64P02XTA
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXM64P02XTA Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXM64P02XTA Datasheet HTML 1Page - Zetex Semiconductors ZXM64P02XTA Datasheet HTML 2Page - Zetex Semiconductors ZXM64P02XTA Datasheet HTML 3Page - Zetex Semiconductors ZXM64P02XTA Datasheet HTML 4Page - Zetex Semiconductors ZXM64P02XTA Datasheet HTML 5Page - Zetex Semiconductors ZXM64P02XTA Datasheet HTML 6Page - Zetex Semiconductors ZXM64P02XTA Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZXM64P02X
0.1
10
100
0.0001
100
080
160
-VDS - Drain-Source Voltage (V)
Safe Operating Area
100m
1
100
DC
1s
100ms
D=0.1
D=0.2
80
40
0
2.0
1.0
0
T - Temperature (°C)
Derating Curve
Single Pulse
D=0.5
10ms
1ms
0.0001
0
1000
60
120
Single Pulse
D=0.5
D=0.2
D=0.1
1
10
0.5
1.5
140
120
100
60
40
20
10
1
0.01
0.001
100
10
1
0.1
0.01
0.001
90
30
60
20
0.1
Pulse Width (s)
Transient Thermal Impedance
Pulse Width (s)
Transient Thermal Impedance
100us
Refer Note (a)
Refer Note (b)
Refer Note (a)
Refer Note (b)
Refer Note (a)
CHARACTERISTICS
3
ISSUE
1 - JUNE 2004


Similar Part No. - ZXM64P02XTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02XTA ZETEX-ZXM64P02XTA Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXM64P02XTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com