Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXM64N02X Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXM64N02X
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXM64N02X Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXM64N02X_04 Datasheet HTML 1Page - Zetex Semiconductors ZXM64N02X_04 Datasheet HTML 2Page - Zetex Semiconductors ZXM64N02X_04 Datasheet HTML 3Page - Zetex Semiconductors ZXM64N02X_04 Datasheet HTML 4Page - Zetex Semiconductors ZXM64N02X_04 Datasheet HTML 5Page - Zetex Semiconductors ZXM64N02X_04 Datasheet HTML 6Page - Zetex Semiconductors ZXM64N02X_04 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
0.1
1
10
1.5
2
3
0.1
1
100
0
1
2
200
50
-100
0.1
1
10
VDS - Drain-Source Voltage (V)
Output Characteristics
0.1
10
100
VGS
2.5V
VDS=10V
100
10
0.1
VGS - Gate-Source Voltage (V)
Typical Transfer Characteristics
1
0.1
0.01
ID - Drain Current (A)
On-Resistance v Drain Current
4.5V
100
10
VGS
0.1
VDS - Drain-Source Voltage (V)
Output Characteristics
1.6
0.8
0
Tj - Junction Temperature (°C)
Normalised RDS(on) and VGS(th)
v Temperature
100
1
100m
VSD - Source-Drain Voltage (V)
Source-Drain Diode Forward Voltage
T=150°C
T=25°C
+150°C
T=150°C
VGS=4.5V
T=25°C
RDS(on)
ID=3.8A
VGS=VDS
ID=250µA
VGS(th)
10
0.5
1.5
25°C
2.0V
1.5V
3.0V
3.5V
4.0V
4.5V
5.0V
1
1
3.0V
2.5V
2.0V
1.5V
3.5V
5V
4.0V
2.5
1
150
100
0
-50
0.2
0.4
0.6
1.0
1.2
1.4
10
VGS=2.0V
VGS=2.5V
VGS=4.5V
TYPICAL CHARACTERISTICS
5
ZXM64N02X
ISSUE 1 - JUNE 2004


Similar Part No. - ZXM64N02X_04

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64N02XTA ZETEX-ZXM64N02XTA Datasheet
180Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64N02XTC ZETEX-ZXM64N02XTC Datasheet
180Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM64N02X DIODES-ZXM64N02X_15 Datasheet
349Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXM64N02X_04

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com