Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXM61N02FTC Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXM61N02FTC
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXM61N02FTC Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXM61N02FTC Datasheet HTML 1Page - Zetex Semiconductors ZXM61N02FTC Datasheet HTML 2Page - Zetex Semiconductors ZXM61N02FTC Datasheet HTML 3Page - Zetex Semiconductors ZXM61N02FTC Datasheet HTML 4Page - Zetex Semiconductors ZXM61N02FTC Datasheet HTML 5Page - Zetex Semiconductors ZXM61N02FTC Datasheet HTML 6Page - Zetex Semiconductors ZXM61N02FTC Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ZXM61N02F
5
0.1
1
10
1.5
2.5
4.5
VDS - Drain-Source Voltage (V)
Output Characteristics
10
100
1
0.01
3V
6V
4V
2.5V
2V
1.5V
+25°C
0.1
1
10
VDS - Drain-Source Voltage (V)
Output Characteristics
1
100
10m
+150°C
3.5V
3V
2.5V
2V
1.5V
4V
6V
VGS=2.7V
VGS=4.5V
100
10
On-Resistance v Drain Current
ID - Drain Current (A)
0.1
0.1
1
10
ID=250µA
VGS(th)
RDS(on)
Normalised RDS(on) and VGS(th)
v Temperature
TJ- Junction Temperature (°C)
0.4
VGS=4.5V
1.0
1.6
VGS=VDS
ID=0.93A
200
0
-100
VGS - Gate-Source Voltage (V)
Transfer Characteristics
0.1
10
3.5
100
0.6
0.8
1.2
1.4
1
Source-Drain Diode Forward Voltage
VSD - Source-Drain Voltage (V)
0.2
0.4
1.0
1.4
100
100m
100µ
1m
10m
1
10
0.6
0.8
1.2
VGS
VGS
T=150°C
T=25°C
10m
100m
1
100m
10
VDS=10V
T=150°C
T=25°C
TYPICAL CHARACTERISTICS
ISSUE
1 - JUNE 2004


Similar Part No. - ZXM61N02FTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXM61N02FTC DIODES-ZXM61N02FTC Datasheet
218Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXM61N02FTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com