Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMP3A16G Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXMP3A16G
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP3A16G Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXMP3A16G Datasheet HTML 1Page - Zetex Semiconductors ZXMP3A16G Datasheet HTML 2Page - Zetex Semiconductors ZXMP3A16G Datasheet HTML 3Page - Zetex Semiconductors ZXMP3A16G Datasheet HTML 4Page - Zetex Semiconductors ZXMP3A16G Datasheet HTML 5Page - Zetex Semiconductors ZXMP3A16G Datasheet HTML 6Page - Zetex Semiconductors ZXMP3A16G Datasheet HTML 7Page - Zetex Semiconductors ZXMP3A16G Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZXMP3A16G
5
ISSUE 3 - MAY 2007
0.1
1
10
0.01
0.1
1
10
0.1
1
10
0.01
0.1
1
10
12
3
0.1
1
10
-50
0
50
100
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
100
1.5V
10V
4V
3.5V
-V
GS
2.5V
2V
3V
Output Characteristics
T=25°C
-V
GS
-V
DS Drain-Source Voltage (V)
4V
3.5V
3V
2V
1.5V
10V
2.5V
Output Characteristics
T = 150°C
-V
DS Drain-Source Voltage (V)
Typical Transfer Characteristics
-V
DS
=10V
T=25°C
T = 150°C
-V
GS Gate-Source Voltage (V)
Normalised Curves v Temperature
R
DS(on)
V
GS
=-10V
I
D
=-4.2A
V
GS(th)
V
GS
=V
DS
I
D
= -250uA
Tj Junction Temperature (°C)
1.5V
10V
3V
2V
4V
3.5V
2.5V
On-Resistance v Drain Current
T=25°C
-V
GS
-I
D Drain Current (A)
T = 150°C
T=25°C
Source-Drain Diode Forward Voltage
-V
SD Source-Drain Voltage (V)
TYPICAL CHARACTERISTICS


Similar Part No. - ZXMP3A16G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP3A16G ZETEX-ZXMP3A16G Datasheet
132Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16G DIODES-ZXMP3A16G Datasheet
168Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMP3A16GTA ZETEX-ZXMP3A16GTA Datasheet
132Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16GTA DIODES-ZXMP3A16GTA Datasheet
168Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMP3A16GTA VBSEMI-ZXMP3A16GTA Datasheet
1,005Kb / 8P
   P-Channel 35 V (D-S) MOSFET
More results

Similar Description - ZXMP3A16G

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com