Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN6A25DN8TC Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXMN6A25DN8TC
Description  Dual 60V SO8 N-channel enhancement mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN6A25DN8TC Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXMN6A25DN8TC Datasheet HTML 1Page - Zetex Semiconductors ZXMN6A25DN8TC Datasheet HTML 2Page - Zetex Semiconductors ZXMN6A25DN8TC Datasheet HTML 3Page - Zetex Semiconductors ZXMN6A25DN8TC Datasheet HTML 4Page - Zetex Semiconductors ZXMN6A25DN8TC Datasheet HTML 5Page - Zetex Semiconductors ZXMN6A25DN8TC Datasheet HTML 6Page - Zetex Semiconductors ZXMN6A25DN8TC Datasheet HTML 7Page - Zetex Semiconductors ZXMN6A25DN8TC Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXMN6A25DN8
Issue 4 - November 2006
4
www.zetex.com
© Zetex Semiconductors plc 2006
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Static
Drain-source breakdown voltage V(BR)DSS
60
V
ID=250 A, VGS=0V
Zero gate voltage drain current
IDSS
1.0
mA
VDS=60V, VGS=0V
Gate-body leakage
IGSS
100
nA
VGS=±20V, VDS=0V
Gate-source threshold voltage
VGS(th)
1.0
V
ID=250 A, VDS= VGS
Static drain-source on-state
resistance (*)
NOTES:
(*) Measured under pulsed conditions. Width=300 s. Duty cycle
2% .
RDS(on)
0.050
VGS=10V, ID=3.6A
0.070
VGS=4.5V, ID=3A
Forward transconductance(*)(‡)
gfs
10.2
S
VDS=15V,ID=4.5A
Dynamic(‡)
Input capacitance
Ciss
1063
pF
VDS=30V,
VGS=0V,f=1MHz
Output capacitance
Coss
104
pF
Reverse transfer capacitance
Crss
64
pF
Switching (†) (‡)
(†) Switching characteristics are independent of operating junction temperature.
(‡) For design aid only, not subject to production testing.
Turn-on delay time
td(on)
3.8
ns
VDD =30V, ID=1A
RG
≅6.0 , VGS=10V
Rise time
tr
4.0
ns
Turn-off delay time
td(off)
26.2
ns
Fall Time
tf
10.6
ns
Gate charge
Qg
11.0
nC
VDS=30V,VGS=5V,
ID=4.5A
Total gate charge
Qg
20.4
nC
VDS=30V,VGS=10V,
ID=4.5A
Gate-source charge
Qgs
4.1
nC
Gate-drain charge
Qgd
5.1
nC
Source-drain diode
Diode Forward Voltage(*)
VSD
0.85
0.95
V
TJ=25°C,
IS=5.5A,VGS=0V
Reverse recovery time(‡)
trr
22.0
ns
TJ=25°C, IF=2.2A,
di/dt= 100A/ s
Reverse recovery charge(‡)
Qrr
21.4
nC


Similar Part No. - ZXMN6A25DN8TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A25DN8TC ZETEX-ZXMN6A25DN8TC Datasheet
241Kb / 7P
   DUAL 60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN6A25DN8TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN6A11DN8 DIODES-ZXMN6A11DN8 Datasheet
655Kb / 8P
   60V SO8 Dual N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN6A11DN8 ZETEX-ZXMN6A11DN8_06 Datasheet
644Kb / 8P
   60V SO8 Dual N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A25DN8 DIODES-ZXMN6A25DN8 Datasheet
727Kb / 8P
   Dual 60V SO8 N-channel enhancement mode MOSFET
ZXMN6A09DN8 DIODES-ZXMN6A09DN8 Datasheet
590Kb / 8P
   60V SO8 N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN6A09DN8 ZETEX-ZXMN6A09DN8_07 Datasheet
577Kb / 8P
   60V SO8 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A25N8 DIODES-ZXMN6A25N8 Datasheet
271Kb / 8P
   60V SO8 N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN6A25N8 ZETEX-ZXMN6A25N8 Datasheet
254Kb / 8P
   60V SO8 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN3F31DN8 DIODES-ZXMN3F31DN8 Datasheet
433Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN3G32DN8 ZETEX-ZXMN3G32DN8 Datasheet
419Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN3G32DN8 DIODES-ZXMN3G32DN8 Datasheet
450Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com