Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN6A11DN8 Datasheet(PDF) 8 Page - Zetex Semiconductors

Part # ZXMN6A11DN8
Description  60V SO8 Dual N-channel enhancement mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN6A11DN8 Datasheet(HTML) 8 Page - Zetex Semiconductors

  ZXMN6A11DN8_06 Datasheet HTML 1Page - Zetex Semiconductors ZXMN6A11DN8_06 Datasheet HTML 2Page - Zetex Semiconductors ZXMN6A11DN8_06 Datasheet HTML 3Page - Zetex Semiconductors ZXMN6A11DN8_06 Datasheet HTML 4Page - Zetex Semiconductors ZXMN6A11DN8_06 Datasheet HTML 5Page - Zetex Semiconductors ZXMN6A11DN8_06 Datasheet HTML 6Page - Zetex Semiconductors ZXMN6A11DN8_06 Datasheet HTML 7Page - Zetex Semiconductors ZXMN6A11DN8_06 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ZXMN6A11DN8
Issue 3 - September 2006
8
www.zetex.com
© Zetex Semiconductors plc 2006
For international sales offices visit www.zetex.com/offices
Zetex products are distributed worldwide. For details, see www.zetex.com/salesnetwork
This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or
reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned.
The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Europe
Zetex GmbH
Kustermann-park
Balanstraße 59
D-81541 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Highway
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia Ltd)
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Zetex Technology Park, Chadderton
Oldham, OL9 9LL
United Kingdom
Telephone: (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
Package outline - SO8
Note: Controlling dimensions are in inches. Approximate dimensions are provided in millimeters
DIM
Inches
Millimeters
DIM
Inches
Millimeters
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
0.053
0.069
1.35
1.75
e
0.050 BSC
1.27 BSC
A1
0.004
0.010
0.10
0.25
b
0.013
0.020
0.33
0.51
D
0.189
0.197
4.80
5.00
c
0.008
0.010
0.19
0.25
H
0.228
0.244
5.80
6.20
E
0.150
0.157
3.80
4.00
h
0.010
0.020
0.25
0.50
L
0.016
0.050
0.40
1.27
-
-
-
-
-


Similar Part No. - ZXMN6A11DN8_06

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A11DN8TA ZETEX-ZXMN6A11DN8TA Datasheet
787Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN6A11DN8TA DIODES-ZXMN6A11DN8TA Datasheet
655Kb / 8P
   60V SO8 Dual N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN6A11DN8TC ZETEX-ZXMN6A11DN8TC Datasheet
787Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN6A11DN8_06

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A25DN8 ZETEX-ZXMN6A25DN8_06 Datasheet
716Kb / 8P
   Dual 60V SO8 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A11DN8 DIODES-ZXMN6A11DN8 Datasheet
655Kb / 8P
   60V SO8 Dual N-channel enhancement mode MOSFET
ZXMN6A25DN8 DIODES-ZXMN6A25DN8 Datasheet
727Kb / 8P
   Dual 60V SO8 N-channel enhancement mode MOSFET
ZXMN6A09DN8 DIODES-ZXMN6A09DN8 Datasheet
590Kb / 8P
   60V SO8 N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN6A09DN8 ZETEX-ZXMN6A09DN8_07 Datasheet
577Kb / 8P
   60V SO8 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A25N8 DIODES-ZXMN6A25N8 Datasheet
271Kb / 8P
   60V SO8 N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN6A25N8 ZETEX-ZXMN6A25N8 Datasheet
254Kb / 8P
   60V SO8 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN3F31DN8 DIODES-ZXMN3F31DN8 Datasheet
433Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN3G32DN8 ZETEX-ZXMN3G32DN8 Datasheet
419Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN3G32DN8 DIODES-ZXMN3G32DN8 Datasheet
450Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com