Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C128 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24C128
Description  Two-wire Automotive Temperature Serial EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24C128 Datasheet HTML 1Page - ATMEL Corporation AT24C128 Datasheet HTML 2Page - ATMEL Corporation AT24C128 Datasheet HTML 3Page - ATMEL Corporation AT24C128 Datasheet HTML 4Page - ATMEL Corporation AT24C128 Datasheet HTML 5Page - ATMEL Corporation AT24C128 Datasheet HTML 6Page - ATMEL Corporation AT24C128 Datasheet HTML 7Page - ATMEL Corporation AT24C128 Datasheet HTML 8Page - ATMEL Corporation AT24C128 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
AT24C128/256
5121B–SEEPR–2/07
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each
EEPROM device and negative edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is open-
drain driven and may be wire-ORed with any number of other open-drain or open collector
devices.
DEVICE/ADDRESSES (A1, A0): The A1 and A0 pins are device address inputs that are hard-
wired or left not connected for hardware compatibility with other AT24CXX devices. When the
pins are hardwired, as many as four 128K/256K devices may be addressed on a single bus
system (device addressing is discussed in detail under the Device Addressing section). If the
pins are left floating, the A1 and A0 pins will be internally pulled down to GND if the capacitive
coupling to the circuit board VCC plane is <3 pF. If coupling is >3 pF, Atmel recommends con-
necting the address pins to GND.
WRITE PROTECT (WP): The write protect input, when connected to GND, allows normal
write operations. When WP is connected high to VCC, all write operations to the memory are
inhibited. If the pin is left floating, the WP pin will be internally pulled down to GND if the
capacitive coupling to the circuit board VCC plane is <3 pF. If coupling is >3 pF, Atmel recom-
mends connecting the pin to GND.
Memory
Organization
AT24C128/256, 128K/256K SERIAL EEPROM: The 128K/256K is internally organized as
256/512 pages of 64-bytes each. Random word addressing requires a 14/15-bit data word
address.


Similar Part No. - AT24C128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
397Kb / 23P
   Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C128-10CC ATMEL-AT24C128-10CC Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
More results

Similar Description - AT24C128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT93C46D ATMEL-AT93C46D_14 Datasheet
715Kb / 17P
   3-wire Automotive Temperature Serial EEPROMs
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C128 ATMEL-AT24C128_06 Datasheet
397Kb / 23P
   Two-wire Serial EEPROMs
AT24C02C ATMEL-AT24C02C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT93C56A ATMEL-AT93C56A_07 Datasheet
552Kb / 14P
   Three-wire Automotive Temperature Serial EEPROMs
AT25128A ATMEL-AT25128A_07 Datasheet
459Kb / 18P
   SPI Automotive Temperature Serial EEPROMs
AT25080A ATMEL-AT25080A_14 Datasheet
706Kb / 19P
   SPI Automotive Temperature Serial EEPROMs
AT25010A ATMEL-AT25010A_09 Datasheet
507Kb / 18P
   SPI Automotive Temperature Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com