Part Name
         Description
AT24C32A_05

 Two-wire Automotive Serial EEPROM ( 17 Page)


ATMEL
100% 
Zoom Out Zoom In
 
 3 page
background image
3
AT24C32A/64A
5120B–SEEPR–11/05
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each
EEPROM device and negative edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is
open-drain driven and may be wire-ORed with any number of other open-drain or open
collector devices.
DEVICE/ADDRESSES (A2, A1, A0): The A2, A1 and A0 pins are device address inputs
that are hardwired or left not connected for hardware compatibility with other AT24Cxx
devices. When the pins are hardwired, as many as eight 32K/64K devices may be
addressed on a single bus system (device addressing is discussed in detail under the
Device Addressing section). If the pins are left floating, the A2, A1 and A0 pins will be
internally pulled down to GND if the capacitive coupling to the circuit board V
CC plane is
<3 pF. If coupling is >3 pF, Atmel recommends connecting the address pins to GND.
WRITE PROTECT (WP): The write protect input, when connected to GND, allows nor-
mal write operations. When WP is connected high to V
CC, all write operations to the
memory are inhibited. If the pin is left floating, the WP pin will be internally pulled down
to GND if the capacitive coupling to the circuit board V
CC plane is <3 pF. If coupling is
>3 pF, Atmel recommends connecting the pin to GND. Switching WP to V
CC prior to a
write operation creates a software write protect function.
Memory Organization AT24C32A/64A, 32K/64K SERIAL EEPROM: The 32K/64K is internally organized as
128/256 pages of 32 bytes each. Random word addressing requires a 12/13-bit data
word address.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT24C02A_07Two-wire Automotive Temperature Serial EEPROM 1 2 3 4 5 MoreATMEL Corporation
AT24C01A_04Two-wire Automotive Serial EEPROM 1 2 3 4 5 MoreATMEL Corporation
AT24C01A_07Two-wire Automotive Temperature Serial EEPROM 1 2 3 4 5 MoreATMEL Corporation
AT24C11Two-wire Automotive Temperature Serial EEPROM 1 2 3 4 5 MoreATMEL Corporation
AT24C512_07Two-wire Serial EEPROM 1 2 3 4 5 MoreATMEL Corporation
AT24C1024_05Two-wire Serial EEPROM 1 2 3 4 5 MoreATMEL Corporation
AT24C32A_07Two-wire Serial EEPROM 32K 4096 x 8 64K 8192 x 8 1 2 3 4 5 MoreATMEL Corporation
AT93C46A_07Three-wire Automotive Temperature Serial EEPROM 1 2 3 4 5 MoreATMEL Corporation
HN58X2402-SRTwo-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM 1 2 3 4 5 MoreHitachi Semiconductor
AT34C02BTwo-wire Serial EEPROM with Permanent and Reversible Software Write Protect 1 2 3 4 5 MoreATMEL Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl