Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN2A02N8 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXMN2A02N8
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN2A02N8 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXMN2A02N8 Datasheet HTML 1Page - Zetex Semiconductors ZXMN2A02N8 Datasheet HTML 2Page - Zetex Semiconductors ZXMN2A02N8 Datasheet HTML 3Page - Zetex Semiconductors ZXMN2A02N8 Datasheet HTML 4Page - Zetex Semiconductors ZXMN2A02N8 Datasheet HTML 5Page - Zetex Semiconductors ZXMN2A02N8 Datasheet HTML 6Page - Zetex Semiconductors ZXMN2A02N8 Datasheet HTML 7Page - Zetex Semiconductors ZXMN2A02N8 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXMN2A02N8
SEMICO NDUC TORS
ISSUE 6 - FEBRUARY 2007
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient
(a)
RθJA
80
°C/W
Junction to Ambient
(b)
RθJA
50
°C/W
NOTES
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 10 secs.
(c) Repetitive rating 25mm x 25mm FR4 PCB, D = 0.02, pulse width 300 s - pulse width limited by maximum junction temperature.
THERMAL RESISTANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDSS
20
V
Gate Source Voltage
VGS
12
V
Continuous Drain Current VGS=10V; TA=25°C
(b)
VGS=10V; TA=70°C
(b)
VGS=10V; TA=25°C
(a)
ID
10.2
8.2
8.3
A
Pulsed Drain Current
(c)
IDM
50
A
Continuous Source Current (Body Diode)
(b)
IS
4.3
A
Pulsed Source Current (Body Diode)
(c)
ISM
50
A
Power Dissipation at TA=25°C
(a)
Linear Derating Factor
PD
1.56
12.5
W
mW/°C
Power Dissipation at TA=25°C
(b)
Linear Derating Factor
PD
2.5
20
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to 150
°C
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - ZXMN2A02N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A02N8 ZETEX-ZXMN2A02N8 Datasheet
171Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN2A02N8 DIODES-ZXMN2A02N8 Datasheet
164Kb / 8P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN2A02N8TA ZETEX-ZXMN2A02N8TA Datasheet
171Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN2A02N8TA DIODES-ZXMN2A02N8TA Datasheet
164Kb / 8P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN2A02N8TC ZETEX-ZXMN2A02N8TC Datasheet
171Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN2A02N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com